Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 44 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 40Page - Cirrus Logic WM8235 Datasheet HTML 41Page - Cirrus Logic WM8235 Datasheet HTML 42Page - Cirrus Logic WM8235 Datasheet HTML 43Page - Cirrus Logic WM8235 Datasheet HTML 44Page - Cirrus Logic WM8235 Datasheet HTML 45Page - Cirrus Logic WM8235 Datasheet HTML 46Page - Cirrus Logic WM8235 Datasheet HTML 47Page - Cirrus Logic WM8235 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 154 page
background image
WM8235
44
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R195 (C3h)
7:0
M1_RISE[7:0]
0000_0000
M1 pulse rise count (mask start)
R196 (C4h)
6:0
M1_RISE[6:0]
000_0000
M1 pulse rise count (mask start)
R197 (C5h)
7:0
M1_FALL[7:0]
0000_0000
M1 pulse fall count (mask end)
R198 (C6h)
6:0
M1_FALL[6:0]
000_0000
M1 pulse fall count (mask end)
R199 (C7h)
7:0
M2_RISE[7:0]
0000_0000
M2 pulse rise count (mask start)
R200 (C8h)
6:0
M2_RISE[6:0]
000_0000
M2 pulse rise count (mask start)
R201 (C9h)
7:0
M2_FALL[7:0]
0000_0000
M2 pulse fall count (mask end)
R202 (CAh)
6:0
M2_FALL[6:0]
000_0000
M2 pulse fall count (mask end)
R203 (CBh)
7:0
M3_RISE[7:0]
0000_0000
M3 pulse rise count (mask start)
R204 (CCh)
6:0
M3_RISE[6:0]
000_0000
M3 pulse rise count (mask start)
R205 (CDh)
7:0
M3_FALL[7:0]
0000_0000
M3 pulse fall count (mask end)
R206 (CEh)
6:0
M3_FALL[6:0]
000_0000
M3 pulse fall count (mask end)
R271 (010Fh)
– R278 (116h)
7:0
POL*_T1
1111_1111
polarity of T1 pulse at TP*
7:0
POL*_T2
1111_1111
polarity of T2 pulse at TP*
TG CYCLE MODE
TG cycle mode can be set the different TG pulse line by line. This mode is for slave mode only.
TGSYNC
Cycmd [Serial I/F]
Generated pulse0
High
cycen_p0
cycen_p1
cycen_p2
cycen_p3
PO0
PO1
PO2
PO3
000
cyccnt
001
010
100
001
01
0
100
001
010
000
cycpat_p0[0]
pixel
counter
15'h7FFF
No SH
No pulse generation
cycpat_p0[1]
cycpat_p0[2]
cycpat_p0[0]
cycpat_p0[1]
cycpat_p0[2]
cycpat_p0[0]
cycpat_p0[1]
High
High
High
cycpat_p1[0]
cycpat_p1[1]
cycpat_p1[2]
cycpat_p1[0]
cycpat_p1[1]
cycpat_p1[2]
cycpat_p1[0]
cycpat_p1[1]
cycpat_p2[0]
cycpat_p2[1]
cycpat_p2[2]
cycpat_p2[0]
cycpat_p2[1]
cycpat_p2[2]
cycpat_p2[0]
cycpat_p2[1]
cycpat_p3[0]
cycpat_p3[1]
cycpat_p3[2]
cycpat_p3[0]
cycpat_p3[1]
cycpat_p3[2]
cycpat_p3[0]
cycpat_p3[1]
High
High
High
High
Generated pulse1
Generated pulse2
Generated pulse3
No SH
No pulse generation
Figure 26 TG Cycle Mode
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R160 (A0h)
3
CYCMD
0
cycle mode enable
0 = normal (same operation at every line)
1 = cycle mode
R181 (B5h)
– R184 (B8h)
CYCPAT_PO*[2:0]
000
PO* cycle mode control
[0] = pulse enable at cycle-1
[1] = pulse enable at cycle-2
[2] = pulse enable at cycle-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com