Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 81 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 81 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 77Page - Cirrus Logic WM8235 Datasheet HTML 78Page - Cirrus Logic WM8235 Datasheet HTML 79Page - Cirrus Logic WM8235 Datasheet HTML 80Page - Cirrus Logic WM8235 Datasheet HTML 81Page - Cirrus Logic WM8235 Datasheet HTML 82Page - Cirrus Logic WM8235 Datasheet HTML 83Page - Cirrus Logic WM8235 Datasheet HTML 84Page - Cirrus Logic WM8235 Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 154 page
background image
WM8235
Rev 4.6
81
Register 16h PGCODE MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R23 (17h)
PG width 1
7:0
PGWIDTH1[7:0]
0000_0000
parameter of pattern generator
Register 17h PG width 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R24 (18h)
PG width 2
7:0
PGWIDTH2[7:0]
0000_0000
parameter of pattern generator
Register 18h PG width 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R25 (19h)
clock monitor
2:0
MONCLK[2:0]
000
select monitor output
0xx = Low (monitor disabled)
100 = RSMP
101 = VSMP
110 = ACLK
111 = OCLK
Register 19h clock monitor
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R26 (1Ah)
PLL control 1
2
PLL_LPF_RST
0
Reset Loop Filter.
0 = normal
1 = reset
1
PLL_CP_PD
0
power down Charge Pump.
0 = normal
1 = power down
0
PLL_VCO_PD
0
power down VCO
0 = normal
1 = power down
Register 1Ah PLL control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R27 (1Bh)
PLL control 2
7
PLL_LPF_SEL
0
PLL_LPF_SEL[1] is unused.
Control Loop Filter to improve the performance.
Note: these settings are applicable for the specific
conditions.
x0 = normal filter
x1 = larger resistor to improve PLL cutoff freq (for SSC)
6
PLL_LPF_SEL
0
PLL_LPF_SEL[1] is unused.
Control Loop Filter to improve the performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com