Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 52 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 48Page - Cirrus Logic WM8235 Datasheet HTML 49Page - Cirrus Logic WM8235 Datasheet HTML 50Page - Cirrus Logic WM8235 Datasheet HTML 51Page - Cirrus Logic WM8235 Datasheet HTML 52Page - Cirrus Logic WM8235 Datasheet HTML 53Page - Cirrus Logic WM8235 Datasheet HTML 54Page - Cirrus Logic WM8235 Datasheet HTML 55Page - Cirrus Logic WM8235 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 154 page
background image
WM8235
52
Rev 4.6
INTM Mode (depends on INTM register)
Auto Cycling mode (IN7 -> IN8 -> IN9)
ACYC=0
ACYC=1
AGAININ9,
DGAININ9,
DACIN9
AGAININ8,
DGAININ8,
DACIN8
AGAININ7,
DGAININ7,
DACIN7
0
AGAININ9,
DGAININ9,
DACIN9
AGAININ7,
DGAININ7,
DACIN7
AGAININ8,
DGAININ8,
DACIN8
TGSYNC
LINEBYLINE 0x23[0]
IN1
LINEBYLINE
Auto Cycling Mode
AGAININ1, DGAININ1, DACIN1
AGAININ2, DGAININ2, DACIN2
AGAININ3, DGAININ3, DACIN3
AGAININ4, DGAININ4, DACIN4
AGAININ5, DGAININ5, DACIN5
AGAININ6, DGAININ6, DACIN6
AGAININ9,
DGAININ9,
DACIN9
AG7,
DG7,
DA7
AGAININ8,
DGAININ8,
DACIN8
AG7,
DG7,
DA7
IN2
IN3
IN4
IN5
IN6
Normal Operation
Normal Operation
ACYC 0x23[1]
1
0
1
0
AGAININ1, DGAININ1, DACIN1
AGAININ2, DGAININ2, DACIN2
AGAININ3, DGAININ3, DACIN3
AGAININ4, DGAININ4, DACIN4
AGAININ5, DGAININ5, DACIN5
AGAININ6, DGAININ6, DACIN6
AGAININ7, DGAININ7, DACIN7
AGAININ8, DGAININ8, DACIN8
AGAININ9, DGAININ9, DACIN9
IN7
IN8
IN9
AGAININ7, DGAININ7, DACIN7
AGAININ8, DGAININ8, DACIN8
AGAININ9, DGAININ9, DACIN9
Figure 34 Line-by-Line Operation (ACYC=1, Auto-cycling mode)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R35 (23h)
DAC IN1
3:2
INTM[1:0]
00
When LINEBYLINE=1,
controls the GAIN and DAC mux selector when ACYC=0
00 = IN7
01 = IN8
10 = IN9
11 = reserved
1
ACYC
0
when LINEBYLINE=1, determines the function of the MUX control
0 = decided by INTM register
1= auto-cycling enabled
0
LINEBYLINE
0
select line by line operation
0=normal operation
1=Line by Line operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com