Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 16 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 12Page - Cirrus Logic WM8235 Datasheet HTML 13Page - Cirrus Logic WM8235 Datasheet HTML 14Page - Cirrus Logic WM8235 Datasheet HTML 15Page - Cirrus Logic WM8235 Datasheet HTML 16Page - Cirrus Logic WM8235 Datasheet HTML 17Page - Cirrus Logic WM8235 Datasheet HTML 18Page - Cirrus Logic WM8235 Datasheet HTML 19Page - Cirrus Logic WM8235 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 154 page
background image
WM8235
16
Rev 4.6
OUTPUT DATA TIMING (CMOS OUTPUT)
OP[10:0]
(Output)
OC1
(Output)
tSKOP
Figure 8 CMOS Output Data Timing
Test Conditions
AVDD = LDOVDD = DBVDD = 3.3V, AGND = LDOGND = DBGND= 0V, TA = 25C, MCLK= 23.3MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Data output skew
tSKOP
+/-500
ps
OUTPUT DATA TIMING (LVDS OUTPUT)
tSKLV
D1,D2,D3
D4,D5
DCLK
tSKLV
tLVTf
tLVTr
80%
20%
Figure 9 LVDS Output Data Timing
Test Conditions
AVDD = LDOVDD = DBVDD = 3.3V, AGND = LDOGND = DBGND= 0V, TA = 25C, MCLK= 15MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LVDS output skew
tSKLV
+/-250
ps
LVDS output signal rise time
tLVTr
1
ns
LVDS output signal fall time
tLVTf
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com