Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 67 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 63Page - Cirrus Logic WM8235 Datasheet HTML 64Page - Cirrus Logic WM8235 Datasheet HTML 65Page - Cirrus Logic WM8235 Datasheet HTML 66Page - Cirrus Logic WM8235 Datasheet HTML 67Page - Cirrus Logic WM8235 Datasheet HTML 68Page - Cirrus Logic WM8235 Datasheet HTML 69Page - Cirrus Logic WM8235 Datasheet HTML 70Page - Cirrus Logic WM8235 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 154 page
background image
WM8235
Rev 4.6
67
REG
NAME
7
6
5
4
3
2
1
0
DEFAULT
R51 (33h) AGAIN IN7
0
0
0
AGAININ7[4:0]
01h
R52 (34h) AGAIN IN8
0
0
0
AGAININ8[4:0]
01h
R53 (35h) AGAIN IN9
0
0
0
AGAININ9[4:0]
01h
R54 (36h) DGAIN IN1 LSB
DGAININ1[3:0]
0
0
0
0
00h
R55 (37h) DGAIN IN1 MSB
DGAININ1[11:4]
80h
R56 (38h) DGAIN IN2 LSB
DGAININ2[3:0]
0
0
0
0
00h
R57 (39h) DGAIN IN2 MSB
DGAININ2[11:4]
80h
R58 (3Ah) DGAIN IN3 LSB
DGAININ3[3:0]
0
0
0
0
00h
R59 (3Bh) DGAIN IN3 MSB
DGAININ3[11:4]
80h
R60 (3Ch) DGAIN IN4 LSB
DGAININ4[3:0]
0
0
0
0
00h
R61 (3Dh) DGAIN IN4 MSB
DGAININ4[11:4]
80h
R62 (3Eh) DGAIN IN5 LSB
DGAININ5[3:0]
0
0
0
0
00h
R63 (3Fh) DGAIN IN5 MSB
DGAININ5[11:4]
80h
R64 (40h) DGAIN IN6 LSB
DGAININ6[3:0]
0
0
0
0
00h
R65 (41h) DGAIN IN6 MSB
DGAININ6[11:4]
80h
R66 (42h) DGAIN IN7 LSB
DGAININ7[3:0]
0
0
0
0
00h
R67 (43h) DGAIN IN7 MSB
DGAININ7[11:4]
80h
R68 (44h) DGAIN IN8 LSB
DGAININ8[3:0]
0
0
0
0
00h
R69 (45h) DGAIN IN8 MSB
DGAININ8[11:4]
80h
R70 (46h) DGAIN IN9 LSB
DGAININ9[3:0]
0
0
0
0
00h
R71 (47h) DGAIN IN9 MSB
DGAININ9[11:4]
80h
R72 (48h) BLC IN1 target
TARGETIN1[7:0]
00h
R73 (49h) BLC IN2 target
TARGETIN2[7:0]
00h
R74 (4Ah) BLC IN3 target
TARGETIN3[7:0]
00h
R75 (4Bh) BLC IN4 target
TARGETIN4[7:0]
00h
R76 (4Ch) BLC IN5 target
TARGETIN5[7:0]
00h
R77 (4Dh) BLC IN6 target
TARGETIN6[7:0]
00h
R78 (4Eh) BLC IN7 target
TARGETIN7[7:0]
00h
R79 (4Fh) BLC IN8 target
TARGETIN8[7:0]
00h
R80 (50h) BLC IN9 target
TARGETIN9[7:0]
00h
R81 (51h) BLC control 1
FRAME_SEQ FA_EVERYLINE FA_ACCUM
FA_EN
CA_EVERYLINE
CADUR[2:0]
00h
R82 (52h) BLC control 2
0
0
0
0
0
0
SEQ_START FRAME_START
00h
R83 (53h) BLC control 3
BPIX_AVAIL[7:0]
00h
R84 (54h) BLC control 4
0
0
0
0
0
0
BPIX_AVAIL[9:8]
00h
R85 (55h) BLC control 5
LINE_DEL[7:0]
00h
R86 (56h) BLC control 6
0
0
0
0
0
0
0
LINE_DEL[8]
00h
R87 (57h) AGC config 1
AGCAVE[3:0]
0
AGC_ERRFLAGAGC_ENDFLAG AGC_EN
00h
R88 (58h) AGC config 2
0
AGC_DPD[2:0]
0
AGC_APD[2:0]
00h
R89 (59h) AGC target IN1 LSB
AGC_TARGETIN1[7:0]
00h
R90 (5Ah) AGC target IN1 MSB
0
0
0
0
0
0
AGC_TARGETIN1[9:8]
00h
R91 (5Bh) AGC target IN2 LSB
AGC_TARGETIN2[7:0]
00h
R92 (5Ch) AGC target IN2 MSB
0
0
0
0
0
0
AGC_TARGETIN2[9:8]
00h
R93 (5Dh) AGC target IN3 LSB
AGC_TARGETIN3[7:0]
00h
R94 (5Eh) AGC target IN3 MSB
0
0
0
0
0
0
AGC_TARGETIN3[9:8]
00h
R95 (5Fh) AGC target IN4 LSB
AGC_TARGETIN4[7:0]
00h
R96 (60h) AGC target IN4 MSB
0
0
0
0
0
0
AGC_TARGETIN4[9:8]
00h
R97 (61h) AGC target IN5 LSB
AGC_TARGETIN5[7:0]
00h
R98 (62h) AGC target IN5 MSB
0
0
0
0
0
0
AGC_TARGETIN5[9:8]
00h
R99 (63h) AGC target IN6 LSB
AGC_TARGETIN6[7:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com