Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8235 Datasheet(PDF) 28 Page - Cirrus Logic

Part # WM8235
Description  210MSPS 9-Channel AFE with Sensor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8235 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button WM8235 Datasheet HTML 24Page - Cirrus Logic WM8235 Datasheet HTML 25Page - Cirrus Logic WM8235 Datasheet HTML 26Page - Cirrus Logic WM8235 Datasheet HTML 27Page - Cirrus Logic WM8235 Datasheet HTML 28Page - Cirrus Logic WM8235 Datasheet HTML 29Page - Cirrus Logic WM8235 Datasheet HTML 30Page - Cirrus Logic WM8235 Datasheet HTML 31Page - Cirrus Logic WM8235 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 154 page
background image
WM8235
28
Rev 4.6
B2
D5
S0
S1
S2
IN4[0]
IN4[1]
IN4[2]
IN4[3]
D4
IN4[4]
IN4[5]
IN4[6]
IN4[7]
IN4[8]
IN4[9]
IN4[10]
D3
IN4[11]
IN4[12]
IN4[13]
IN4[14]
IN4[15]
IN5[0]
IN5[1]
D2
IN5[2]
IN5[3]
IN5[4]
IN5[5]
IN5[6]
IN5[7]
IN5[8]
D1
IN5[9]
IN5[10]
IN5[11]
IN5[12]
IN5[13]
IN5[14]
IN5[15]
DCLK
H
H
L
L
L
H
H
C2
D5
S0
S1
S2
IN6[0]
IN6[1]
IN6[2]
IN6[3]
D4
IN6[4]
IN6[5]
IN6[6]
IN6[7]
IN6[8]
IN6[9]
IN6[10]
D3
IN6[11]
IN6[12]
IN6[13]
IN6[14]
IN6[15]
IN7[0]
IN7[1]
D2
IN7[2]
IN7[3]
IN7[4]
IN7[5]
IN7[6]
IN7[7]
IN7[8]
D1
IN7[9]
IN7[10]
IN7[11]
IN7[12]
IN7[13]
IN7[14]
IN7[15]
DCLK
H
H
L
L
L
H
H
D2
D5
S0
S1
S2
IN8[0]
IN8[1]
IN8[2]
IN8[3]
D4
IN8[4]
IN8[5]
IN8[6]
IN8[7]
IN8[8]
IN8[9]
IN8[10]
D3
IN8[11]
IN8[12]
IN8[13]
IN8[14]
IN8[15]
IN9[0]
IN9[1]
D2
IN9[2]
IN9[3]
IN9[4]
IN9[5]
IN9[6]
IN9[7]
IN9[8]
D1
IN9[9]
IN9[10]
IN9[11]
IN9[12]
IN9[13]
IN9[14]
IN9[15]
DCLK
H
H
L
L
L
H
H
Table 7 16-bit 5pair LVDS Output Format
LVDS 10-BIT 3PAIR MODE
WM8235
Max sample rate MCLK Clock rate
23.3
20
18
17.5
15
13.3 12.5
12
10
8.3
7.5
7
5
PLL_EXDIV_SEL[2:0]
000
000
001
001
001
LVDLGAIN[1:0]
DLGAIN[1:0]
10
10
10
10
10
LDO configuration
PLL_EXDIV_SEL[2:0]
001
001
001
001
001
001
001
001
001
001
010
010
010
LVDLGAIN[1:0]
00
00
00
00
00
01
01
01
01
01
01
01
01
DLGAIN[1:0]
01
01
01
01
01
10
10
10
10
10
10
10
10
LDO configuration
12h
12h
12h
12h
12h
PLL_EXDIV_SEL[2:0]
000
000
000
000
000
000
001
001
001
LVDLGAIN[1:0]
00
00
00
00
00
01
01
01
01
DLGAIN[1:0]
01
10
10
10
10
10
10
10
10
LDO configuration
12h
12h
12h
12h
12h
PLL_EXDIV_SEL[2:0]
000
000
000
000
000
001
001
001
LVDLGAIN[1:0]
00
00
00
00
01
01
01
01
DLGAIN[1:0]
10
10
10
10
10
10
10
10
LDO configuration
12h
12h
12h
12h
PLL_EXDIV_SEL[2:0]
001
001
LVDLGAIN[1:0]
00
00
DLGAIN[1:0]
10
10
LDO configuration
12h
12h
LVDS 3pair 16bit
7.0MHz
LVDS 5pair 16bit
15.56MHz
CMOS 10 bit
10MHz
LVDS 5pair 10bit
23.3MHz
LVDS 3pair 10bit
14.0MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com