Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 56 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 52Page - Cirrus Logic WM8321 Datasheet HTML 53Page - Cirrus Logic WM8321 Datasheet HTML 54Page - Cirrus Logic WM8321 Datasheet HTML 55Page - Cirrus Logic WM8321 Datasheet HTML 56Page - Cirrus Logic WM8321 Datasheet HTML 57Page - Cirrus Logic WM8321 Datasheet HTML 58Page - Cirrus Logic WM8321 Datasheet HTML 59Page - Cirrus Logic WM8321 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
56
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16394 (400Ah)
OTP Control
15
OTP_PROG
0
Selects the PROGRAM device state.
0 = No action
1 = Select PROGRAM mode
Note that, after PROGRAM mode has
been selected, the chip will remain in
PROGRAM mode until a Device Reset.
Protected by user key
13
OTP_MEM
1
Selects ICE or OTP memory for Program
commands.
0 = ICE
1 = OTP
Protected by user key
11
OTP_FINAL
0
Selects the FINALISE command,
preventing further OTP programming.
0 = No action
1 = Finalise Command
Protected by user key
10
OTP_VERIFY
0
Selects the VERIFY command for the
selected OTP memory page(s).
0 = No action
1 = Verify Command
Protected by user key
9
OTP_WRITE
0
Selects WRITE command for the
selected OTP memory page(s).
0 = No action
1 = Write Command
Protected by user key
8
OTP_READ
0
Selects READ command for the selected
memory page(s).
0 = No action
1 = Read Command
Protected by user key
7:6
OTP_READ_L
VL [1:0]
00
Selects the Margin Level for READ or
VERIFY OTP commands.
00 = Normal
01 = Reserved
10 = Margin 1
11 = Margin 2
Protected by user key
5
OTP_BULK
0
Selects the number of memory pages for
ICE / OTP commands.
0 = Single Page
1 = All Pages
1:0
OTP_PAGE
[1:0]
00
Selects the single memory page for ICE /
OTP commands (when OTP_BULK=0).
If OTP is selected (OTP_MEM = 1):
00 = Page 0
01 = Page 1
10 = Page 2
11 = Page 3
If ICE is selected (OTP_MEM = 0):
00 = Page 2
01 = Page 3
10 = Page 4
11 = Reserved
Table 24 OTP Memory Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com