Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 17 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 13Page - Cirrus Logic WM8321 Datasheet HTML 14Page - Cirrus Logic WM8321 Datasheet HTML 15Page - Cirrus Logic WM8321 Datasheet HTML 16Page - Cirrus Logic WM8321 Datasheet HTML 17Page - Cirrus Logic WM8321 Datasheet HTML 18Page - Cirrus Logic WM8321 Datasheet HTML 19Page - Cirrus Logic WM8321 Datasheet HTML 20Page - Cirrus Logic WM8321 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
17
DC-DC3 and DC-DC4
Unless otherwise noted: VIN = 3.8V, VOUT = 1.8V, MODE = FCCM
(1), TJ = -40°C to +125°C; typical values are at TJ = 25°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
2.7
5.5
V
Programmable
Output Voltage
VOUT
0.85
(4)
3.4
V
VOUT Step Size
VOUT_STEP
25
mV
VOUT Accuracy
VOUT_ACC
VIN = 2.7V to 5.5V, IOUT = 0mA to 1000mA
-4
+4
%
Undervoltage
margin
VUV
0.85V ≤ VOUT ≤ 3.4V
50
mV
Output Current
IOUT
FCCM
(1) and Auto
(CCM/DCM with
PS
(2)) Modes
Independent operation
(DC4_SLV=0)
0
1000
mA
Dual mode operation
(DC4_SLV=1)
0
800
(5)
Hysteretic Mode, DCm_STNBY_LIM=01
0
100
(3)
LDO Mode
0
10
P-channel
Current Limit
IP_LIM
1600
mA
Quiescent
Current
IQ
IOUT = 0mA, FCCM
(1) and Auto (CCM/DCM with
PS
(2)) Modes (excluding switching losses)
330
A
IOUT = 0mA, Hysteretic Mode
110
IOUT = 0mA, LDO Mode
20
Shutdown
Current
ISD
DCm_ENA = 0
0.01
A
P-channel
On Resistance
RDSP
VIN = VGS = 3.8V, IDCmLX = 100mA
165
m
N-channel
On Resistance
RDSN
VIN = VGS = 3.8V, IDCmLX = -100mA
155
m
Switching
Frequency
FSW
2
MHz
Notes:
1.
Forced Continuous Conduction Mode
2.
Continuous / Discontinuous Conduction with Pulse-Skipping Mode
3.
The maximum output current in Hysteretic mode can be adjusted using the DCm_STNBY_LIM registers
4.
In FCCM mode, the minimum VOUT is 1.2V
5.
In Dual mode operation, the ratings are ‘per converter’. The combined maximum output current is 1600mA
7.2
LDO REGULATORS
LDO1
Unless otherwise noted: VIN = 3.8V, VOUT = 1.8V, TJ = -40°C to +125°C; Typical values are at TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
1.5
5.5
V
Programmable
Output Voltage
VOUT
0.9
3.3
V
VOUT Step Size
VOUT_STEP
VOUT = 0.9V to 1.6V
50
mV
VOUT = 1.7V to 3.3V
100
Output Current
IOUT
Normal mode
0
300
mA
Low power mode, LDOn_LP_MODE=0
0
50
Low power mode, LDOn_LP_MODE=1
0
20
VOUT Accuracy
VOUT_ACC
ILOAD = 1mA
-3
+3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com