Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 29 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 25Page - Cirrus Logic WM8321 Datasheet HTML 26Page - Cirrus Logic WM8321 Datasheet HTML 27Page - Cirrus Logic WM8321 Datasheet HTML 28Page - Cirrus Logic WM8321 Datasheet HTML 29Page - Cirrus Logic WM8321 Datasheet HTML 30Page - Cirrus Logic WM8321 Datasheet HTML 31Page - Cirrus Logic WM8321 Datasheet HTML 32Page - Cirrus Logic WM8321 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
29
11 DEVICE DESCRIPTION
11.1 GENERAL DESCRIPTION
The WM8321 is a multi-purpose Power Management device with a comprehensive range of features.
The WM8321 provides 4 DC-DC synchronous buck converters and 11 LDO regulators which are all
programmable to application-specific requirements. The on-board oscillator and two additional LDOs
support the clocking and control functions for the DC-DC converters and other core functions.
The WM8321 provides a 32.768kHz crystal oscillator and secure Real Time Clock (SRTC). An
auxiliary ADC is included, for measurement of external voltages. Other features include flexible GPIO
capability, and LED outputs for system status indications.
Under typical operating conditions, the device is powered up and shut down under the control of the
ON
¯¯ pin. The device executes a programmable sequence of enabling or disabling the DC-DC
converters, LDOs and other functions when commanded to power up or shut down respectively. An
alternate device state (SLEEP power state) is provided, in which selected functions may be
separately configured for a low-power or other operating condition. The configuration of the normal
operating state may be programmed into an integrated OTP non-volatile memory. If desired, the OTP
memory can be programmed during device manufacture in accordance with the user’s specification.
See Section 14 for details of the OTP and associated bootstrap configuration functions.
In the absence of a main power supply, the WM8321 automatically reverts to a backup state, under
which a minimal functionality is maintained to enable a smooth return to normal operation when the
supply is restored. With a backup battery present, the RTC is updated in the backup state, allowing
the main battery to be depleted or changed without loss of RTC function. Without a backup battery, a
small capacitor is sufficient to maintain the RTC (unclocked) for up to 5 minutes.
11.2 POWER STATES
The WM8321 has 6 main power states, which are described below. Different levels of functionality are
associated with each of the power states. Some of the state transitions are made autonomously by
the WM8321 (eg. transitions to/from BACKUP are scheduled according to the available power supply
conditions). Other transitions are initiated as a result of instructions issued over the Control Interface
or as a result of software functions (eg. Watchdog timer) or hardware functions such as the ON
¯¯ pin.
The valid transitions and the associated conditions are detailed below.
NO POWER
- This is the device state when no power is available. All functions are disabled and all
register data is lost.
OFF
- This is the device state when power is available but the device is switched off. The RTC is
enabled and the register map contents are maintained. The RESET
¯¯¯¯¯¯ pin is pulled low in this state.
LDO11 may optionally be enabled in this state; all other DC-DCs and LDOs are disabled (apart from
LDO12, which supports internal functions).
ON
- This is the normal operating state when the device is switched on. All device functions are
available in this state.
SLEEP
- This is a user-configurable operating state which is intended for a low-power operating
condition. Selected functions may be enabled, disabled or re-configured according to the user’s
requirements. A programmable configuration sequence for the DC-DCs and LDOs is executed on
transition to/from SLEEP mode.
BACKUP
- This is the operating state when the PVDD power supply is below the reset threshold of
the device. Typically, this means that the PVDD supply has been removed. All DC-DC converters and
LDO regulators are disabled in this state. The RTC and oscillator and a ‘software scratch’ memory
area can be maintained from the backup supply (if available) in this state. All other functions and
registers are reset in BACKUP. (Note that, for power saving, an ‘unclocked’ mode, in which the RTC
is held constant, may be selected if required.)
PROGRAM
- This is a special operating state which is used for programming the integrated OTP
memory with the device configuration data. The settings stored in the OTP define the device
configuration in the ON state, and also the time/sequencing data associated with ON/OFF power
state transitions. See Section 14 for details of the OTP features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com