Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 24 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 20Page - Cirrus Logic WM8321 Datasheet HTML 21Page - Cirrus Logic WM8321 Datasheet HTML 22Page - Cirrus Logic WM8321 Datasheet HTML 23Page - Cirrus Logic WM8321 Datasheet HTML 24Page - Cirrus Logic WM8321 Datasheet HTML 25Page - Cirrus Logic WM8321 Datasheet HTML 26Page - Cirrus Logic WM8321 Datasheet HTML 27Page - Cirrus Logic WM8321 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
24
7.6
DIGITAL INTERFACES
Unless otherwise noted: TJ = -40°C to +125°C; Typical values are at TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ON
¯¯ , RESET
¯¯¯¯¯¯, IRQ
¯¯¯, CIFMODE, SDOUT1, SCLK1, SDA1, CS
¯¯ , SCLK2, SDA2
Input HIGH Level
VIH
0.75 x
VDD
V
Input LOW Level
VIL
0.2 x
VDD
V
Output HIGH Level
VOH
IOH = 1mA
0.8 x
VDD
V
Output LOW Level
VOL
IOL = -1mA
0.2 x
VDD
V
‘VDD’ is the voltage of the applicable power domain for each pin, as defined in Section 3.
ON pin pull-up resistance
RPU
140
kΩ
RESET pin pull-up resistance
RPU
DBVDD=1.8V
180
kΩ
DBVDD=3.6V
85
IRQ pin pull-up resistance
RPU
DBVDD=1.8V
180
kΩ
DBVDD=3.6V
85
SCLK2 pin pull-down resistance
RPD
100
kΩ
SDA2 pin pull-down resistance
RPD
100
kΩ
7.7
AUXILIARY ADC
Unless otherwise noted: TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input resistance
RGPIO10, 11, 12
During measurement
400
kΩ
Input voltage range
VGPIO10, 11, 12
GPn_PWR_DOM = 0
0
VDBVDD
V
GPn_PWR_DOM = 1
0
VPVDD
Input capacitance
CGPIO10, 11, 12
2
pF
AUXADC Resolution
12
bits
AUXADC Conversion Time
39
µs
AUXADC accuracy
Input voltage = 3V
-2.5
+2.5
%
7.8
SYSTEM STATUS LED DRIVERS
Unless otherwise noted: TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LED1 and LED2
Sink current
VLED1/2 = 1V
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com