Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 28 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 24Page - Cirrus Logic WM8321 Datasheet HTML 25Page - Cirrus Logic WM8321 Datasheet HTML 26Page - Cirrus Logic WM8321 Datasheet HTML 27Page - Cirrus Logic WM8321 Datasheet HTML 28Page - Cirrus Logic WM8321 Datasheet HTML 29Page - Cirrus Logic WM8321 Datasheet HTML 30Page - Cirrus Logic WM8321 Datasheet HTML 31Page - Cirrus Logic WM8321 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
28
Figure 2 Control Interface Timing - 4-wire (SPI) Control Mode (Write Cycle)
Figure 3 Control Interface Timing - 4-wire (SPI) Control Mode (Read Cycle)
Test Conditions
TJ = -40ºC to +125 ºC unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CS
¯¯ falling edge to SCLK1 rising edge
tCSU
40
ns
SCLK1 falling edge to CS
¯¯ rising edge
tCHO
10
ns
SCLK1 pulse cycle time
tSCY
200
ns
SCLK1 pulse width low
tSCL
80
ns
SCLK1 pulse width high
tSCH
80
ns
SDA1 to SCLK1 set-up time
tDSU
40
ns
SDA1 to SCLK1 hold time
tDHO
10
ns
Pulse width of spikes that will be suppressed
tps
0
5
ns
SCLK1 falling edge to SDOUT1 transition
tDL
40
ns
The CS
¯¯ pin must be held high for at least 1
s after every register write operation in SPI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com