Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8321 Datasheet HTML 1Page - Cirrus Logic WM8321 Datasheet HTML 2Page - Cirrus Logic WM8321 Datasheet HTML 3Page - Cirrus Logic WM8321 Datasheet HTML 4Page - Cirrus Logic WM8321 Datasheet HTML 5Page - Cirrus Logic WM8321 Datasheet HTML 6Page - Cirrus Logic WM8321 Datasheet HTML 7Page - Cirrus Logic WM8321 Datasheet HTML 8Page - Cirrus Logic WM8321 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 253 page
background image
w
WM8321
Processor Power Management Subsystem
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, February 2012, Rev 4.0
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8321 is an integrated power-management subsystem
which provides a cost-effective, flexible, single-chip solution for
power management. It is specifically targeted at the
requirements of a range of low-power portable consumer
products, but is suitable to any application with a multimedia
processor. The WM8321 is designed to operate as a system
PMIC supporting the ARM9™, ARM11™ and ARM Cortex-A™
processors, but is also capable of supporting the majority of
application and mobile processors at the heart of a wide range
of low-power consumer multimedia applications.
The start-up behaviour and configuration is fully programmable
in an integrated OTP non-volatile memory. This highly flexible
solution helps reduce time-to-market, as changing application
requirements can be very easily accommodated in the OTP.
The InstantConfig
TM interface enables an external EEPROM to
configure the WM8321.
The WM8321 power management subsystem comprises four
programmable DC-DC converters and eleven LDO regulators
(four of which are low-noise for supplying sensitive analogue
subsystems). The integrated OTP bootstrap circuitry controls
the start-up sequencing and voltages of the converters and
regulators as well as the sequencing of system clocks.
The DC-DC converters deliver high performance and high
efficiency across a wide range of operating conditions. They
are optimised to support the high load current transients seen
in modern processor core domains. DC-DC3 / DC-DC4 can be
connected together and operated in ‘dual’ mode to support an
increased current load of up to 1.6A
An on-chip regulator provides power for always-on PMIC
functions such as register map and the RTC. The device
provides autonomous backup battery switchover. A low-power
LDO is included to support ‘Alive’ processor power domains
external to the WM8321.
A 12-bit Auxiliary ADC supports a wide range of applications
for internal as well as external analogue sampling, such as
voltage detection and temperature measurement.
WM8321 includes a crystal oscillator and an internal RC
oscillator to generate all clock signals for autonomous system
start-up and processor clocking. A Secure Real-time Clock (S-
RTC) and alarm function is included, capable of waking up the
system from low-power modes. A watchdog function is
provided to ensure system integrity.
To maximise battery life, highly-granular power management
enables each function in the WM8321 subsystem to be
independently powered down through a control interface or
alternatively through register and OTP-configurable GPIOs.
The device offers a standby power consumption of <7uA,
making it particularly suitable for portable applications.
The WM8321 is supplied in an 8x8mm 81-lead QFN package,
ideal for use in portable systems. The WM8321 forms part of
the Wolfson series of audio and power management solutions,
and is widely register compatible with the WM831X devices.
FEATURES
Power Management
2 x DC-DC synchronous buck converters
(0.6V - 1.8V, 1.25A, DVS)
2 x DC-DC synchronous buck converters
(0.85V - 3.4V, 1A)
1 x LDO regulator (0.9V - 3.3V, 300mA, 1
)
2 x LDO regulators (0.9V - 3.3V, 200mA, 1
)
3 x LDO regulators (0.9V - 3.3V, 100mA, 2
)
2 x Low-noise LDO regulators (1.0V - 3.5V, 200mA, 1
)
2 x Low-noise LDO regulators (1.0V - 3.5V, 150mA, 2
)
1 x ‘Alive’ regulator (0.8V – 1.55V, up to 25mA)
System Control
I
2C or SPI compatible primary control interface
Comprehensive interrupt scheme
Watchdog timer and system reset control
Autonomous power sequencing and fault detection
OTP memory bootstrap configuration function
Additional Features
Auxiliary ADC for multi-function analogue measurement
128-bit pseudo-random unique ID
Secure Real-Time Clock with wake-up alarm
12 x configurable multi-function (GPIO) pins
Comprehensive clocking scheme: low-power 32kHz RTC
crystal oscillator, GPIO clock output and 4MHz RC clock
for power management
System LED outputs indicating device power state, and
fault status
Package Options
8 x 8 x 0.85mm, 81-lead QFN package
APPLICATIONS
Cellular Handsets
Smartphones
Electronic Books
Portable Media Players
Mobile Internet Devices
Electronic Gaming Devices
Netbooks
Smartbooks
Set Top Box
Digital Picture Frames


Similar Part No. - WM8321

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8321 WOLFSON-WM8321 Datasheet
1Mb / 253P
Processor Power Management Subsystem
WM8321GEFL/RV WOLFSON-WM8321GEFL/RV Datasheet
1Mb / 253P
Processor Power Management Subsystem
WM8321GEFL/V WOLFSON-WM8321GEFL/V Datasheet
1Mb / 253P
Processor Power Management Subsystem
More results

Similar Description - WM8321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD80C TI-TLC320AD80C Datasheet
219Kb / 36P
Audio Processor Subsystem
logo
Wolfson Microelectronic...
WM8310 WOLFSON-WM8310 Datasheet
1Mb / 291P
Processor Power Management Subsystem
WM8311 WOLFSON-WM8311 Datasheet
1Mb / 302P
Processor Power Management Subsystem
WM8321 WOLFSON-WM8321 Datasheet
1Mb / 253P
Processor Power Management Subsystem
WM8325 WOLFSON-WM8325 Datasheet
1Mb / 254P
Processor Power Management Subsystem
WM8326 WOLFSON-WM8326 Datasheet
1Mb / 255P
Processor Power Management Subsystem
logo
Texas Instruments
TLC320AD80 TI1-TLC320AD80 Datasheet
235Kb / 37P
Audio Processor Subsystem
logo
Cirrus Logic
WM8310 CIRRUS-WM8310 Datasheet
1Mb / 291P
Processor Power Management Subsystem
WM8325 CIRRUS-WM8325 Datasheet
1Mb / 254P
Processor Power Management Subsystem
WM8326 CIRRUS-WM8326 Datasheet
1Mb / 255P
Processor Power Management Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com