Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 76 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 76 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 72Page - Cirrus Logic WM8321 Datasheet HTML 73Page - Cirrus Logic WM8321 Datasheet HTML 74Page - Cirrus Logic WM8321 Datasheet HTML 75Page - Cirrus Logic WM8321 Datasheet HTML 76Page - Cirrus Logic WM8321 Datasheet HTML 77Page - Cirrus Logic WM8321 Datasheet HTML 78Page - Cirrus Logic WM8321 Datasheet HTML 79Page - Cirrus Logic WM8321 Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
76
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:2
DC4_ON_VS
EL [6:2]
00000
Same as DC-DC3
1:0
DC4_ON_VS
EL [1:0]
00
Same as DC-DC3
R16487 (4067h)
DC4 SLEEP
Control
15:13
DC4_SLP_S
LOT [2:0]
000
Same as DC-DC1
9:8
DC4_SLP_M
ODE [1:0]
00
Same as DC-DC1
6:0
DC4_SLP_V
SEL [6:0]
000_0000
Same as DC-DC3
Table 33 DC-DC Converter Control
15.11.3 LDO REGULATOR CONTROL
The register controls for configuring the LDO Regulators 1-6 are defined in Table 34.
Note that the LDOn_ON_SLOT and LDOn_ON_VSEL fields may also be stored in the integrated OTP
memory. See Section 14 for details.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16488 (4068h)
LDO1 Control
15:14
LDO1_ERR_
ACT [1:0]
00
LDO1 Error Action (Undervoltage)
00 = Ignore
01 = Shut down regulator
10 = Shut down system (Device
Reset)
11 = Reserved
Note that an Interrupt is always
raised.
12:11
LDO1_HWC
_SRC [1:0]
00
LDO1 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
10
LDO1_HWC
_VSEL
0
LDO1 Hardware Control Voltage
select
0 = Set by LDO1_ON_VSEL
1 = Set by LDO1_SLP_VSEL
9:8
LDO1_HWC
_MODE
10
LDO1 Hardware Control Operating
Mode
00 = Low Power mode
01 = Turn converter off
10 = Low Power mode
11 = Set by LDO1_ON_MODE
7
LDO1_FLT
0
LDO1 Output float
0 = LDO1 output discharged when
disabled
1 = LDO1 output floating when
disabled
6
LDO1_SWI
0
LDO1 Switch Mode
0 = LDO mode
1 = Switch mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com