Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 94 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 94 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 90Page - Cirrus Logic WM8321 Datasheet HTML 91Page - Cirrus Logic WM8321 Datasheet HTML 92Page - Cirrus Logic WM8321 Datasheet HTML 93Page - Cirrus Logic WM8321 Datasheet HTML 94Page - Cirrus Logic WM8321 Datasheet HTML 95Page - Cirrus Logic WM8321 Datasheet HTML 96Page - Cirrus Logic WM8321 Datasheet HTML 97Page - Cirrus Logic WM8321 Datasheet HTML 98Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
94
15.15.2 LDO REGULATORS
The LDO Regulators are configurable circuits which generate accurate, low-noise supply voltages for
various system components. The LDO Regulators are dynamically programmable and can be re-
configured at any time. Two low power modes are provided for the general purpose LDOs 1-6; a
single low power mode is provided for the analogue LDOs 7-10; this enables the overall device power
consumption to be minimised at all times.
The LDOs 1-10 can also operate as current-limited switches, with no voltage regulation; this is useful
for ‘Hot Swap’ outputs, i.e. supply rails for external devices that are plugged in when the system is
already powered up - the current-limiting function prevents the in-rush current into the external device
from disturbing other system power supplies.
The input voltage to these LDOs is provided on pins LDO3VDD, LDO4VDD, LDO5VDD, LDO6VDD
for LDO3 through to LDO6 respectively. The other LDO inputs are shared on pins LDO1_2VDD,
LDO7_8VDD and LDO9_10VDD for each corresponding pair of LDOs.
The LDO input supply pins may be connected to the PVDD power supply voltage node, or else can be
connected to the output pin of one of the DC-DC buck converters. Note that the LDO input supply
pins must not be connected to a voltage higher than PVDD.
LDO11 is a configurable LDO intended for ‘always-on’ functions external to the WM8321. The
WM8321 contains a further two non-configurable LDOs which support internal functions only.
The connections to LDO Regulator 1 are illustrated in Figure 22. The equivalent circuit applies to
LDO2 through to LDO10.
Figure 22 LDO Regulator Connections
An input and output capacitor are recommended for each LDO Regulator, as illustrated above.
See Section 30.4 for details of specific recommended external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com