Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 78 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 74Page - Cirrus Logic WM8321 Datasheet HTML 75Page - Cirrus Logic WM8321 Datasheet HTML 76Page - Cirrus Logic WM8321 Datasheet HTML 77Page - Cirrus Logic WM8321 Datasheet HTML 78Page - Cirrus Logic WM8321 Datasheet HTML 79Page - Cirrus Logic WM8321 Datasheet HTML 80Page - Cirrus Logic WM8321 Datasheet HTML 81Page - Cirrus Logic WM8321 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
78
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
LDO1_SLP_
VSEL [4:0]
00000
LDO1 SLEEP Voltage select
0.9V to 1.6V in 50mV steps
1.7V to 3.3V in 100mV steps
00h = 0.90V
01h = 0.95V
…
0Eh = 1.60V
0Fh = 1.70V
…
1Eh = 3.20V
1Fh = 3.30V
R16491 (406Bh)
LDO2 Control
15:14
LDO2_ERR_
ACT [1:0]
00
Same as LDO1
12:11
LDO2_HWC
_SRC [1:0]
00
Same as LDO1
10
LDO2_HWC
_VSEL
0
Same as LDO1
9:8
LDO2_HWC
_MODE
10
Same as LDO1
7
LDO2_FLT
0
Same as LDO1
6
LDO2_SWI
0
Same as LDO1
0
LDO2_LP_M
ODE
0
Same as LDO1
R16492 (406Ch)
LDO2 ON
Control
15:13
LDO2_ON_S
LOT [2:0]
000
Same as LDO1
8
LDO2_ON_
MODE
0
Same as LDO1
4:0
LDO2_ON_V
SEL [4:0]
00000
Same as LDO1
R16493 (406Dh)
LDO2 SLEEP
Control
15:13
LDO2_SLP_
SLOT [2:0]
000
Same as LDO1
8
LDO2_SLP_
MODE
0
Same as LDO1
4:0
LDO2_SLP_
VSEL [4:0]
00000
Same as LDO1
R16494 (406Eh)
LDO3 Control
15:14
LDO3_ERR_
ACT [1:0]
00
Same as LDO1
12:11
LDO3_HWC
_SRC [1:0]
00
Same as LDO1
10
LDO3_HWC
_VSEL
0
Same as LDO1
9:8
LDO3_HWC
_MODE
10
Same as LDO1
7
LDO3_FLT
0
Same as LDO1
6
LDO3_SWI
0
Same as LDO1
0
LDO3_LP_M
ODE
0
Same as LDO1
R16495 (406Fh)
LDO3 ON
Control
15:13
LDO3_ON_S
LOT [2:0]
000
Same as LDO1
8
LDO3_ON_
MODE
0
Same as LDO1
4:0
LDO3_ON_V
SEL [4:0]
00000
Same as LDO1
R16496 (4070h)
15:13
LDO3_SLP_
SLOT [2:0]
000
Same as LDO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com