Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 42 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 38Page - Cirrus Logic WM8321 Datasheet HTML 39Page - Cirrus Logic WM8321 Datasheet HTML 40Page - Cirrus Logic WM8321 Datasheet HTML 41Page - Cirrus Logic WM8321 Datasheet HTML 42Page - Cirrus Logic WM8321 Datasheet HTML 43Page - Cirrus Logic WM8321 Datasheet HTML 44Page - Cirrus Logic WM8321 Datasheet HTML 45Page - Cirrus Logic WM8321 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
42
Figure 10 Single Register Read from Specified Address
Figure 11 Multiple Register Write to Specified Address using Auto-increment
Figure 12 Multiple Register Read from Specified Address using Auto-increment
Figure 13 Multiple Register Read from Last Address using Auto-increment
Multiple Write and Multiple Read operations enable the host processor to access sequential blocks of
the data in the WM8321 register map faster than is possible with single register operations. The auto-
increment option is enabled when the AUTOINC register bit is set. This bit is defined in Table 12.
Auto-increment is enabled by default.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16391 (4007h)
Control Interface
2
AUTOINC
1
Enable Auto-Increment function
0 = Disabled
1 = Enabled
Table 12 Auto-Increment Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com