Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 73 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 73 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 69Page - Cirrus Logic WM8321 Datasheet HTML 70Page - Cirrus Logic WM8321 Datasheet HTML 71Page - Cirrus Logic WM8321 Datasheet HTML 72Page - Cirrus Logic WM8321 Datasheet HTML 73Page - Cirrus Logic WM8321 Datasheet HTML 74Page - Cirrus Logic WM8321 Datasheet HTML 75Page - Cirrus Logic WM8321 Datasheet HTML 76Page - Cirrus Logic WM8321 Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
73
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16474 (405Ah)
DC1 DVS
Control
12:11
DC1_DVS_S
RC [1:0]
00
DC-DC1 DVS Control Source
00 = Disabled
01 = Enabled
10 = Controlled by Hardware DVS1
11 = Controlled by Hardware DVS2
6:0
DC1_DVS_V
SEL [6:0]
000_0000
DC-DC1 DVS Voltage select
0.6V to 1.8V in 12.5mV steps
00h to 08h = 0.6V
09h = 0.6125V
…
48h = 1.4V (see note)
…
67h = 1.7875V
68h to 7Fh = 1.8V
Note - Maximum output voltage
selection in 4MHz switching mode is
48h (1.4V).
R16475 (405Bh)
DC2 Control 1
15:14
DC2_RATE
[1:0]
10
Same as DC-DC1
12
DC2_PHASE
0
Same as DC-DC1
9:8
DC2_FREQ
[1:0]
00
Same as DC-DC1
7
DC2_FLT
0
Same as DC-DC1
5:4
DC2_SOFT_
START [1:0]
00
Same as DC-DC1
1:0
DC2_CAP
[1:0]
00
Same as DC-DC1
R16476 (405Ch)
DC2 Control 2
15:14
DC2_ERR_A
CT [1:0]
00
Same as DC-DC1
12:11
DC2_HWC_
SRC [1:0]
00
Same as DC-DC1
10
DC2_HWC_
VSEL
0
Same as DC-DC1
9:8
DC2_HWC_
MODE [1:0]
11
Same as DC-DC1
6:4
DC2_HC_TH
R [2:0]
000
Same as DC-DC1
0
DC2_HC_IN
D_ENA
0
Same as DC-DC1
R16477 (405Dh)
DC2 ON Config
15:13
DC2_ON_SL
OT [2:0]
000
Same as DC-DC1
9:8
DC2_ON_M
ODE [1:0]
00
Same as DC-DC1
6:2
DC2_ON_VS
EL [6:2]
00000
Same as DC-DC1
1:0
DC2_ON_VS
EL [1:0]
00
R16478 (405Eh)
DC2 SLEEP
Control
15:13
DC2_SLP_S
LOT [2:0]
000
Same as DC-DC1
9:8
DC2_SLP_M
ODE [1:0]
00
Same as DC-DC1
6:0
DC2_SLP_V
SEL [6:0]
000_0000
Same as DC-DC1
R16479 (405Fh)
12:11
DC2_DVS_S
RC [1:0]
00
Same as DC-DC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com