Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 69 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 65Page - Cirrus Logic WM8321 Datasheet HTML 66Page - Cirrus Logic WM8321 Datasheet HTML 67Page - Cirrus Logic WM8321 Datasheet HTML 68Page - Cirrus Logic WM8321 Datasheet HTML 69Page - Cirrus Logic WM8321 Datasheet HTML 70Page - Cirrus Logic WM8321 Datasheet HTML 71Page - Cirrus Logic WM8321 Datasheet HTML 72Page - Cirrus Logic WM8321 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
69
15.11 POWER MANAGEMENT REGISTER DEFINITIONS
15.11.1 DC-DC CONVERTER AND LDO REGULATOR ENABLE
The Enable and Status register bits for the DC-DC Converters and LDO Regulators are defined in
Table 31.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16464 (4050h)
DCDC Enable
3:0
DCm_ENA
0
DC-DCm Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is
indicated in DCm_STS)
R16465 (4051h)
LDO Enable
10:0
LDOn_ENA
0
LDOn Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is
indicated in LDOn_STS)
R16466 (4052h)
DCDC Status
3:0
DCm_STS
0
DC-DCm Status
0 = Disabled
1 = Enabled
R16467 (4053h)
LDO Status
10:0
LDOn_STS
0
LDOn Status
0 = Disabled
1 = Enabled
Notes:
1.
n
is a number between 1 and 11 that identifies the individual LDO Regulator.
2.
m
is a number between 1 and 4 that identifies the individual DC-DC Converter.
Table 31 DC-DC Converter and LDO Regulator Control
The Enable and Status register bits for the External Power Enable (EPE) Controls are defined in
Table 32.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16464 (4050h)
DCDC Enable
7
EPE2_ENA
0
EPE2 Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is
indicated in EPE2_STS)
6
EPE1_ENA
0
EPE1 Enable request
0 = Disabled
1 = Enabled
(Note that the actual status is
indicated in EPE1_STS)
R16466 (4052h)
DCDC Status
7
EPE2_STS
0
EPE2 Status
0 = Disabled
1 = Enabled
6
EPE1_STS
0
EPE1 Status
0 = Disabled
1 = Enabled
Table 32 External Power Enable (EPE) Control
15.11.2 DC-DC SYNCHRONOUS BUCK CONVERTER CONTROL
The register controls for configuring the DC-DC synchronous buck converters 1-4 are defined in Table
33.
Note that the DCm_ON_SLOT fields and the 5 MSBs of DCm_ON_VSEL may also be stored in the
integrated OTP memory. See Section 14 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com