Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 99 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 99 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 95Page - Cirrus Logic WM8321 Datasheet HTML 96Page - Cirrus Logic WM8321 Datasheet HTML 97Page - Cirrus Logic WM8321 Datasheet HTML 98Page - Cirrus Logic WM8321 Datasheet HTML 99Page - Cirrus Logic WM8321 Datasheet HTML 100Page - Cirrus Logic WM8321 Datasheet HTML 101Page - Cirrus Logic WM8321 Datasheet HTML 102Page - Cirrus Logic WM8321 Datasheet HTML 103Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
99
18.3 AUXADC READBACK
Measured data from the AUXADC is read via the AuxADC Data Register (R16429), which contains
two fields. The AUXADC Data Source is indicated in the AUX_DATA_SRC field; the associated
measurement data is contained in the AUX_DATA field.
Reading from the AuxADC Data Register returns a 12-bit code which represents the most recent
AUXADC measurement on the associated channel. It should be noted that every time an AUXADC
measurement is written to the AuxADC Data Register, the previous data is overwritten - the host
processor should ensure that data is read from this register before it is overwritten. The AUXADC
interrupts can be used to indicate when new data is available - see Section 18.5.
The 12-bit AUX_DATA field can be equated to the actual voltage (or temperature) according to the
following equations, where AUX_DATA is regarded as an unsigned integer:
The maximum voltage that can be measured on the input pins GPIO10, GPIO11 and GPIO12 is
determined by the power domain associated with each; this is selectable on a pin by pin basis using
the GPn_PWR_DOM register bits described in Section 21.3. The input voltage at the GPIO pin must
not exceed the voltage of the respective power domain (ie. DBVDD or PVDD).
In a typical application, it is anticipated that the AUXADC Interrupts would be used to control the
AUXADC readback - the host processor should read the AUXADC Data Register in response to the
AUXADC Interrupt event. See Section 18.5 for details of AUXADC Interrupts. In Automatic AUXADC
mode, the processor should complete this action before the next measurement occurs, in order to
avoid losing any AUXADC samples. In Manual conversion mode, the interrupt signal provides
confirmation that the commanded measurement has been completed.
The control fields associated with initiating AUXADC readback are defined in Table 46.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16429
(402Dh)
AuxADC Data
15:12
AUX_DATA_SRC
[3:0]
000
AUXADC Data Source
1 = GPIO10
2 = GPIO11
3 = GPIO12
5 = Chip Temperature
7 = PVDD voltage
All other values are Reserved
11:0
AUX_DATA [11:0]
000h
AUXADC Measurement Data
Voltage (mV) = AUX_DATA x 1.465
ChipTemp (
C) = (498 - AUX_DATA)
/ 1.09
Table 46 AUXADC Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com