Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 157 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 157 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 153Page - Cirrus Logic WM8321 Datasheet HTML 154Page - Cirrus Logic WM8321 Datasheet HTML 155Page - Cirrus Logic WM8321 Datasheet HTML 156Page - Cirrus Logic WM8321 Datasheet HTML 157Page - Cirrus Logic WM8321 Datasheet HTML 158Page - Cirrus Logic WM8321 Datasheet HTML 159Page - Cirrus Logic WM8321 Datasheet HTML 160Page - Cirrus Logic WM8321 Datasheet HTML 161Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
157
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2
UV_LDO3_EIN
T
0
LDO3 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
1
UV_LDO2_EIN
T
0
LDO2 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
0
UV_LDO1_EIN
T
0
LDO1 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
Register 4013h
Interrupt Status 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16404
(4014h)
Interrupt
Status 4
9
HC_DC2_EINT
0
DC-DC2 High current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
8
HC_DC1_EINT
0
DC-DC1 High current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
7
XTAL_START_
EINT
0
Crystal Oscillator Start Failure interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
6
XTAL_TAMPE
R_EINT
0
Crystal Oscillator Tamper interrupt
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
3
UV_DC4_EINT
0
DC-DC4 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
2
UV_DC3_EINT
0
DC-DC3 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
1
UV_DC2_EINT
0
DC-DC2 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
0
UV_DC1_EINT
0
DC-DC1 Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
Register 4014h
Interrupt Status 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16405
(4015h)
Interrupt
Status 5
11
GP12_EINT
0
GPIO12 interrupt.
(Trigger is controlled by GP12_INT_MODE)
Note: Cleared when a ‘1’ is written.
10
GP11_EINT
0
GPIO11 interrupt.
(Trigger is controlled by GP11_INT_MODE)
Note: Cleared when a ‘1’ is written.
9
GP10_EINT
0
GPIO10 interrupt.
(Trigger is controlled by GP10_INT_MODE)
Note: Cleared when a ‘1’ is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com