Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 190 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 190 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 186Page - Cirrus Logic WM8321 Datasheet HTML 187Page - Cirrus Logic WM8321 Datasheet HTML 188Page - Cirrus Logic WM8321 Datasheet HTML 189Page - Cirrus Logic WM8321 Datasheet HTML 190Page - Cirrus Logic WM8321 Datasheet HTML 191Page - Cirrus Logic WM8321 Datasheet HTML 192Page - Cirrus Logic WM8321 Datasheet HTML 193Page - Cirrus Logic WM8321 Datasheet HTML 194Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
190
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
11 = Hysteretic Mode
6:4
DC1_HC_THR
[2:0]
000
DC-DC1 High Current threshold
000 = 125mA
001 = 250mA
010 = 375mA
011 = 500mA
100 = 625mA
101 = 750mA
110 = 875mA
111 = 1000mA
0
DC1_HC_IND_
ENA
0
DC-DC1 High Current detect enable
0 = Disabled
1 = Enabled
Register 4057h
DC1 Control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16472
(4058h) DC1
ON Config
15:13
DC1_ON_SLO
T [2:0]
000
DC-DC1 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
9:8
DC1_ON_MOD
E [1:0]
01
DC-DC1 ON Operating Mode
00 = Forced Continuous Conduction Mode
01 = Auto Mode (Continuous / Discontinuous
Conduction with Pulse-Skipping)
10 = LDO Mode
11 = Hysteretic Mode
6:2
DC1_ON_VSE
L [6:2]
0_0000
DC-DC1 ON Voltage select
DC1_ON_VSEL [6:0] selects the DC-DC1 output
voltage from 0.6V to 1.8V in 12.5mV steps.
DC1_ON_VSEL [6:2] also exist in ICE/OTP memory,
controlling the voltage in 50mV steps.
DC1_ON_VSEL [6:0] is coded as follows:
00h to 08h = 0.6V
09h = 0.6125V
…
48h = 1.4V (see note)
…
67h = 1.7875V
68h to 7Fh = 1.8V
Note - Maximum output voltage selection in 4MHz
switching mode is 48h (1.4V).
1:0
DC1_ON_VSE
L [1:0]
00
DC-DC1 ON Voltage select
DC1_ON_VSEL [6:0] selects the DC-DC1 output
voltage from 0.6V to 1.8V in 12.5mV steps.
See DC1_ON_VSEL [6:2] for definition.
Register 4058h
DC1 ON Config



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com