Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 236 Page - Cirrus Logic

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8321 Datasheet(HTML) 236 Page - Cirrus Logic

Back Button WM8321 Datasheet HTML 232Page - Cirrus Logic WM8321 Datasheet HTML 233Page - Cirrus Logic WM8321 Datasheet HTML 234Page - Cirrus Logic WM8321 Datasheet HTML 235Page - Cirrus Logic WM8321 Datasheet HTML 236Page - Cirrus Logic WM8321 Datasheet HTML 237Page - Cirrus Logic WM8321 Datasheet HTML 238Page - Cirrus Logic WM8321 Datasheet HTML 239Page - Cirrus Logic WM8321 Datasheet HTML 240Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 253 page
background image
WM8321
Production Data
w
PD, February 2012, Rev 4.0
236
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
14 = HW Control1 input (long de-bounce)
15 = HW Control2 input (long de-bounce)
Output functions:
0 = GPIO output
1 = 32.768kHz oscillator output
2 = ON state
3 = SLEEP state
4 = Power State Change
5 = Reserved
6 = Reserved
7 = Reserved
8 = DC-DC1 DVS Done
9 = DC-DC2 DVS Done
10 = External Power Enable1
11 = External Power Enable2
12 = System Supply Good (SYSOK)
13 = Converter Power Good (PWR_GOOD)
14 = External Power Clock (2MHz)
15 = Auxiliary Reset
2
XTAL_ENA
0
Crystal Oscillator Enable
0 = Disabled at all times
1 = Enabled in OFF, ON, SLEEP states
(Note that the BACKUP behaviour is determined by
XTAL_BKUPENA.)
This field can only be written to by loading configuration
settings from OTP/ICE. In all other cases, this field is
Read Only.
1
XTAL_INH
0
Crystal Start-Up Inhibit
0 = Disabled
1 = Enabled
When XTAL_INH=0, the internal RC oscillator will
provide CLKOUT until the crystal oscillator is valid.
When XTAL_INH=1, the ‘ON’ transition is inhibited until
the crystal oscillator is valid.
Register 781Ah
GPIO1 OTP Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30747
(781Bh)
GPIO2 OTP
Control
15
GP2_DIR
1
GPIO2 pin direction
0 = Output
1 = Input
14:13
GP2_PULL
[1:0]
01
GPIO2 Pull-Up / Pull-Down configuration
00 = No pull resistor
01 = Pull-down enabled
10 = Pull-up enabled
11 = Reserved
12
GP2_INT_MOD
E
0
GPIO2 Interrupt Mode
0 = GPIO interrupt is rising edge triggered (if
GP2_POL=1) or falling edge triggered (if GP2_POL=0)
1 = GPIO interrupt is triggered on rising and falling
edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com