Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT4832AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4832A-00
January
2017
4
Functional Pin Description
Pin No.
Pin Name
Pin Function
A1
POS
Positive terminal LDO output. Connect a 10
F ceramic capacitor between this
pin and Ground.
A2
LCMOUT
DSV boost converter output pin. Connect a 10
F ceramic capacitor between this
pin and Ground.
A3
LCMSW
Switching node of DSV boost c
onverter. Connect a 2.2μH inductor between
LCMSW and VIN.
A4
LEDGND
Back light LED ground.
A5
LEDSW
Switch node of boost converter. Connect a 4.7
H to 10H inductor between
LEDSW and VIN.
B1
ENM
Enable the CPOUT.
B2
ENP
Enable the POS.
B3
EN
Chip enable.
B4
LCMGND
DSV boost converter ground pin.
B5
LEDOUT
Back light LED boost output pin.
C1
C1
Fly capacitor 1 positive connection of inverter charge pump.
C2
SDA
I2C serial data input/output. An external pull-up resistor is required.
C3
Txmask
Configurable power amplifier synchronization input or configurable active high
torch enable. Has an internal pull-down resistor of 400k
 between TX and
ground.
C4
AGND
Analog ground.
C5
LED1
Single output 1 for backlight LED.
D1
CPGND
Inverter charge pump ground.
D2
SCL
I2C serial clock input. An external pull-up resistor is required.
D3
STRB
Active high hardware flash enable. Drive STRB high to turn on flash pulse. Has
an internal pull-down resistor of 400k
 between STRB and ground.
D4
PWM
PWM dimming input for backlight LED.
D5
LED2
Single output 2 for backlight LED.
E1
C2
Fly capacitor 1 negative connection of inverter charge pump. Connect a 10
F
ceramic capacitor between this pin and C1.
E2, F2
FlashLED
High-side current source output for flash LED.
E3, F3
FlashOUT
Step-up flash DC-DC converter output. Connect a 10
F ceramic capacitor
between this pin and Ground.
E4, F4
FlashSW
Drain connection for internal N-MOSFET and synchronous P-MOSFET
switches. Connect a 0.47 to 1
H inductor between FlashSW and VIN.
E5
VIN
Input voltage connection. Connect VIN to the input supply, and bypass to
Ground with a 10
F or larger ceramic capacitor.
F1
CPOUT
Charge pump negative terminal output. Connect a 10
F ceramic capacitor
between this pin and ground.
F5
FlashGND
Flash boost power ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com