Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT4832AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4832A-00
January
2017
2
Float Mode when Turned Off
Independent Positive and Negative Enable
Control by Two External Pins
True Load Disconnect, OCP, and
Positive/Negative SCP Function
Ordering Information
RT4832A
Package Type
WSC : WL-CSP-30B 2.24x2.64 (BSC)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
0X : Product Code
YMDNN : Date Code
0X YM
DNN
Pin Configuration
(TOP VIEW)
F4
Flash
SW
F3
Flash
OUT
F2
Flash
LED
F1
CP
OUT
F5
Flash
GND
E4
Flash
SW
E3
Flash
OUT
E2
Flash
LED
E1
C2
E5
VIN
D4
PWM
D3
STRB
D2
SCL
D1
CP
GND
D5
LED2
C4
AGND
C3
Txmask
C2
SDA
C1
C1
C5
LED1
B4
LCM
GND
B3
EN
B2
ENP
B1
ENM
B5
LED
OUT
A4
LED
GND
A3
LCM
SW
A2
LCM
OUT
A1
POS
A5
LED
SW
WL-CSP-30B 2.24x2.64 (BSC)
Typical Application Circuit
RT4832A
LEDSW
FlashSW
E4, F4
A5
LED1 C5
LED2
D5
0.47
μH to 1μH
VIN
VIN
E5
10
μF
10
μH
CPOUT
F1
10
μF
LCMSW
A3
4.7
μF
VIN
2.2
μH
C1
C1
C2
E1
10
μF
EN
B3
PWM
D4
STRB
D3
Txmask
C3
SCL
D2
SDA
C2
ENP
B2
ENM
B1
2P10S
WLEDs
2.2
μF
LEDOUT
B5
FlashOUT
E3, F3
10
μF
FlashLED
E2, F2
CPGND
D1
LCMGND B4
FlashGND
F5
AGND
C4
LEDGND
A4
LCMOUT
A2
10
μF
POS
A1
10
μF
L2
L1
C1
C2
L3
C5
C6
D1
LED1
C8
C7
C3
C4
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com