Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT4832AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4832A-00
January
2017
www.richtek.com
17
Discharge and Short to GND Function
The RT4832A provides internal switch resister to
discharge voltage of VPOS and CPOUT during the
channel power off. Set the 0x0C[4] = 1 for VPOS
discharge enable and 0x0C [1]=1 for CPOUT discharge
enable. When the voltage discharge to GND, set the
0x0C[5] = 1 and 0x0C[2] = 1 will keep the output
connect to GND.
Power Saving Mode
The RT4832A provides the power saving mode to
bypass the input voltage to VPOS. Enable the 0x0C[7]
= 1 to control the high side switch of boost converter
and the LDO fully turn on to save the quiescent current
and switching current. The POS is equal to Vin and
CPOUT is equal to
–Vin when power saving mode.
Delay Time Control of POS & CPOUT
The RT4832A provides the delay time control between
POS and CPOUT power on and off. The bits of the
0x0D[7:6] is used to set the delay time. Table 3 and
Figure 2 shows the delay time and the sequence for
DSV power on and off.
Table 3. DSV Delay Time Control Table
0x0D[7:
6]
Delay time
Power on
Power off
00
No
constraint
POS start ramp up when ENP = H or
dsv_vpos_en = 1,
CPOUT start ramp down when ENM
= H or dsv_vcpout_en = 1.
CPOUT start discharge when ENM = L or
dsv_vcpout_en = 0,
POS start discharge when ENP = L or
dsv_vpos_en = 0.
01
1ms
POS start ramp up when ENP = H or
dsv_vpos_en = 1
CPOUT start ramp down after POS
ramp up to target and delay 1ms even
the ENM = H or dsv_vcpout_en = 1
CPOUT start discharge when ENM = L or
dsv_vcpout_en = 0
POS start discharge after CPOUT discharge to
GND and delay 1ms even the ENP = L or
dsv_vpos_en = 0
10
2ms
POS start ramp up when ENP = H or
dsv_vpos_en = 1
CPOUT start ramp down after POS
ramp up to target and delay 2ms even
the ENM = H or dsv_vcpout_en = 1
CPOUT start discharge to GND when ENM = L
or dsv_vcpout_en = 0
POS start discharge after CPOUT discharge to
GND and delay 2ms even the ENP = L or
dsv_vpos_en = 0
11
5ms
POS start ramp up when ENP = H or
dsv_vpos_en = 1
CPOUT start ramp down after POS
ramp up to target and delay 5ms even
the ENM = H or dsv_vcpout_en = 1
CPOUT start discharge when ENM = L or
dsv_vcpout_en = 0
POS start discharge after CPOUT discharge to
GND and delay 5ms even the ENP = L or
dsv_vpos_en = 0
Periodic Mode
The RT4832A supports the DSV periodic mode with
the enable bit 0x08[7] and frequency select bit 0x08[6].
In the periodic mode, the enable channel of the POS
and CPOUT repeat on/off. The delay time, slew rate,
discharge and GND connect follow the register setting.
Table 4. Periodic Mode Control Table
dsv_periodic_mode
0x08[7]
dsv_freq_pm
0x08[6]
ton (ms)
tperiod (ms)
0
0
X
X
0
1
X
X
1
0
2
50
1
1
1.6
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com