Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT4832AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 23Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 24Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 25Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 26Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4832A-00
January
2017
22
STRB
IFLED
Txmask
Vin
Monitor
Torch/
Flash
0
0
0
0
0
Torch Mode
Torch Current
Torch Current
Torch Current
0
Torch Current
Torch Current
Strobe
Enable
0
0
STRB
IFLED
Txmask
Vin
Monitor
Torch/
Flash
0
0
0
0
0
Torch Current
0
Strobe
Enable
0
0
Flash Mode
Flash Current
Flash Current
Torch Current
Flash Current
> Flash Timeout
Flash Timeout
Flash Current
Torch Current
Figure 5. Flash LED Operation
Over-Voltage Protection (Open LED, Open Circuit)
The RT4832A FLED provides an internal over voltage
protection to limit its output voltage. The OVP function
prevents the RT4832A from damaging while open LED
or open circuit condition occurs. Once the open circuit
condition is removed, and the RT4832A will return to
normal operation.
Over-Current Protection
The RT4832A features two selectable flash inductor
current limits that are programmable through the I2C
compatible interface. When the inductor current limit is
reached, the RT4832A terminates the charging phase
of the switching cycle. Switching resumes at the start of
the next switching period. If the overcurrent condition
persists, the device operates continuously in current
limit. This prevents damage to the RT4832A and
excessive current draw from the battery during output
short-circuit conditions. When Flash occurs the current
Limit event, the FLASH_OCP flag (register 0x10 bit [1])
is set.
Over-Temperature Protection
The RT4832A provides an over-temperature protection
to prevent the IC from overheating. When the junction
temperature rises above 145
C, the OTP function will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com