Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT4832AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4832A-00
January
2017
12
Register Map
RT4832A
IC slave address = 7’b 0010001. I2C interface supports fast mode (bit rate up to 400kb/s).
Address
Address Name
BIT
R/W
Default
(Reset Value)
Description
0x01
Vendor Code
1:0
R
10
10 RICHTEK
0x02
BLED OVP
7:5
R/W
001
[000] = 18V, [001] = 22V, [010] = 25V, [011] = 29V,
[100] = 33V, [101 to 111] = 36V
BLED
Mapping Code
4
R/W
1
[0] = Exponential, [1] = Linear.
BLED
PWM Config.
3
R/W
0
[0] = Active High, [1] = Active Low.
Reserved
2:0
R/W
000
0x03
BL SW Frequency
7
R/W
0
[0] = 500kHz, [1] = 1MHz
BL Ramp Rate
6:3
R/W
0011
[0000] = 0
s, [0001] = 500s, [0010] = 750s,
[0011] = 1ms, [0100] = 2ms, [0101] = 5ms, [0110] =
10ms, [0111] = 20ms, [1000] = 50ms, [1001] =
100ms, [1010] = 250ms, [1011] = 800ms, [1100] =
1s, [1101] = 2s, [1110] = 4s, [1111] = 8s
Reserved
2:1
R/W
00
Bled11th
0
R/W
1
11th bit enable of bled brightness control
[0] = 10 bit brightness control, reg0x40[1] is MSB,
reg0x04[2] is ignore.
[1] = 11 bit brightness control, reg0x40[2] is MSB.
0x04
Reserved
7:3
R/W
00000
11th LSB
2
R/W
1
BLED Brightness
MSB
1:0
R/W
11
1024 steps, MSB
0x05
BLED Brightness
LSB
7:0
R/W
11111111
1024 steps, LSB
0x06
FLED LED1/2 Torch
Current
7:4
R/W
0011
[0000] = 25mA, [0001] = 50mA, [0010] = 75mA,
[0011] = 100mA, [0100] = 125mA, [0101] = 150mA,
[0110] = 175mA, [0111] = 200mA, [1000] = 225mA,
[1001] = 250mA, [1010] = 275mA, [1011] = 300mA,
[1100] = 325mA, [1101] = 350mA, [1110 to 1111] =
375mA
FLED LED1/2 Strobe
Current
3:0
R/W
1110
[0000] = 100mA, [0001] = 200mA, [0010] = 300mA,
[0011] = 400mA, [0100] = 500mA, [0101] = 600mA,
[0110] = 700mA, [0111] = 800mA, [1000] = 900mA,
[1001] = 1000mA, [1010] = 1100mA, [1011] =
1200mA, [1100] = 1300mA, [1101] = 1400mA,
[1110 to 1111] = 1500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com