Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT4832AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4832A-00
January
2017
14
Address
Address Name
BIT
R/W
Default
(Reset Value)
Description
0x0C
pwr_sav
7
R/W
0
Power saving mode, [0] = Disable, [1] = Enable
DSV_VPOS_en
6
R/W
0
DSV VPOS enable, [0] = Disable, [1] = Enable
DSV_VPOS_gnd
5
R/W
1
DSV VPOS Ground, [0] = Floating,
[1] = Grounding only function when VPOS is
disable
DSV_VPOS_disc
4
R/W
0
DSV VPOS discharge 20ms when shutdown,
[0] = Disable, [1] = Enable
DSV_VCPOUT_en
3
R/W
0
DSV VCPOUT enable, [0] = Disable, [1] = Enable
DSV_ VCPOUT _gnd
2
R/W
1
DSV VCPOUT Ground, [0] = Floating,
[1] = Grounding only function when VCPOUT is
disable
DSV_ VCPOUT _disc
1
R/W
0
DSV VCPOUT discharge 20ms when shutdown,
[0] = Disable, [1] = Enable
DSV_Startup
0
R/W
0
DSV startup mode
[0] = closed loop, waiting 80%
[1] = open loop, go after soft-start dimming
0x0D
DSV_delay
7:6
R/W
00
DSV delay time between VPOS and VCPOUT
[00] = No constraint
[01] = 1ms
[10] = 2ms
[11] = 5ms
Vboost Voltage
5:0
R/W
101000
[000000] = 4V
…..
[010100] = 5V
……
[101011] = 6.15V (0.05V per step)
0x0E
DSV_VPOS_slew
7:6
R/W
01
VPOS rising slew rate control
[00] = 8.5mV/
s
[01] = 5.6mV/
s,
[10] = 4.6mV/
s
[11] = 2.8mV/
s
VPOS Voltage
5:0
R/W
011110
[000000] = 4V
…..
[011110] = 5.5V
……
[101000] = 6V (0.05V per step)
0x0F
DSV_VCPOUT_slew 7:6
R/W
10
VCPOUT falling slew rate control
[00] = 9.9mV/
s
[01] = 6.2mV/
s,
[10] = 4.9mV/
s
[11] = 2.9mV/
s
VCPOUT Voltage
5:0
R/W
011100
[000000] =
4V
…..
[011100] =
5.4V
……
[101000] =
6V (0.05V per step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com