Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT4832AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4832A-00
January
2017
6
Absolute Maximum Ratings
(Note 1)
Supply Voltage (VIN) --------------------------------------------------------------------------------------------------
0.3V to 6V
LED Boost Output Voltage (LEDOUT) ----------------------------------------------------------------------------
0.3V to 37V
LED Switching Voltage (LEDSW) ----------------------------------------------------------------------------------
0.3V to 37V
LED Current Source Voltage (LED1, LED2)---------------------------------------------------------------------
0.3V to 36V
LCM Boost Output Voltage (LCMOUT, POS) -------------------------------------------------------------------
0.3V to 6.3V
LCM Switching Voltage (LCMSW, C1)----------------------------------------------------------------------------
0.3V to 6.3V
Negative Charge Pump Switching Voltage (C2) ----------------------------------------------------------------
0.3V to 6.5V
Negative Charge Pump Voltage (CPOUT)-----------------------------------------------------------------------
0.3V to 6.5V
Flash Switching Voltage (FlashSW) -------------------------------------------------------------------------------
0.3V to 6V
Flash Output Voltage (FlashOUT)----------------------------------------------------------------------------------
0.3V to 6V
Flash LED Voltage (FlashLED) -------------------------------------------------------------------------------------
0.3V to 6V
Digital Clock Control Pins (SDA, SCL, PWM) -------------------------------------------------------------------
0.3V to 6V
Other Pins (EN, ENM, ENP, Txmask, STRB) -------------------------------------------------------------------
0.3V to 6V
Power Dissipation, PD @ TA = 25C
WL-CSP-30B 2.24x2.64 (BSC) ------------------------------------------------------------------------------------
3.15W
Package Thermal Resistance
(Note 2)
WL-CSP-30B 2.24x2.64 (BSC),
JA ------------------------------------------------------------------------------31.7C/W
Lead Temperature (Soldering, 10 sec.)--------------------------------------------------------------------------
260C
Junction Temperature ------------------------------------------------------------------------------------------------
150C
Storage Temperature Range ---------------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) -----------------------------------------------------------------------------------------
2kV
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN --------------------------------------------------------------------------------------------------
2.5V to 5.5V
Ambient Temperature Range---------------------------------------------------------------------------------------
40C to 85C
Junction Temperature Range --------------------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VIN = 3.6V, CVIN = 10F, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply
Input Voltage Range
VIN
2.5
--
5.5
V
UVLO
UV
VIN falls
--
2.2
2.3
V
UVLO Hysteresis Voltage
UVhys
VIN rises after UVLO
30
50
200
mV
VIN Supply Current
IQ
LCD Bias enable, Back Light turned
off, EN = H, LCMOUT = 5.2V
--
0.5
--
mA
VIN Shutdown Current
ISHDN
VIN = 5V, EN = L
--
1
--
A
Thermal Shutdown
TSD
--
145
--
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com