Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT4832AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 23Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 24Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 25Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 26Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4832A-00
January
2017
www.richtek.com
23
be triggered and then the LED driver will be shut down.
The OTP hysteresis is 15
C. Once the junction
temperature reduces below the over temperature
protection threshold by 25
C, the IC will enter normal
operation again.
Thermal Considerations
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. The maximum allowable power
dissipation depends on the thermal resistance of the IC
package, the PCB layout, the rate of surrounding
airflow, and the difference between the junction and
ambient
temperatures.
The
maximum
power
dissipation can be calculated using the following
formula :
PD(MAX) = (TJ(MAX) - TA) / JA
where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and JA is the
junction-to-ambient thermal resistance.
For continuous operation, the maximum operating
junction temperature indicated under Recommended
Operating Conditions is 125°C. The junction-to-ambient
thermal resistance,
JA, is highly package dependent.
For a WL-CSP-30B 2.24x2.64 (BSC) package, the
thermal resistance,
JA, is 31.7°C/W on a standard
JEDEC
51-7
high
effective-thermal-conductivity
four-layer test board. The maximum power dissipation
at TA = 25°C can be calculated as below :
PD(MAX) = (125°C - 25°C) / (31.7°C/W) = 3.15W for a
WL-CSP-30B 2.24x2.64 (BSC) package.
The maximum power dissipation depends on the
operating ambient temperature for the fixed TJ(MAX)
and the thermal resistance,
JA. The derating curves in
Figure 6 allows the designer to see the effect of rising
ambient
temperature
on
the
maximum
power
dissipation.
Figure 6. Derating Curve of Maximum Power
Dissipation
Layout Considerations
For high frequency switching power supplies, the PCB
layout is important to get good regulation, high
efficiency and stability. The following descriptions are
the guidelines for better PCB layout.
For good regulation, place the power components
as close to chip as possible. The traces should be
wide
and
short
enough
especially
for
the
high-current loop.
Minimize the size of the LX node and route on the
top layer only.
Place the capacitor CIN as close to VIN pin as
possible.
Place the CPOS, CCPOUT capacitor as close to
the output pins as possible. Also place the charge
pump flying capacitor close to the RT4832A.
Place the capacitor CFLED as close to FLEDOUT
pin as possible. Connect the Flash LED cathode
directly to the FLEDGND pin of the RT4832A.
Route the LED return with a dedicated path and
keep the LED1 and LED2 path short and close to
RT4832A for the good LED current performance.
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com