Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT4832AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4832A-00
January
2017
www.richtek.com
19
Brightness Control
a. PWM Brightness Dimming
Besides programmable built-in I2C backlight LED
current control, the RT4832A features a built-in PWM
dimming current control by setting register 0x09[6]=1,
offering a linear current dimming by external clock
source. In order to guarantee the PWM dimming
resolution (7 bit at > 15kHz application), recommending
dimming frequency have to be operated at range of
400Hz to 20kHz.
b. I
2C Brightness Dimming
The RT4832A is built-in an I2C 10-bit or 11-bit
resolution brightness control with maximum 25mA per
string.
When LED brightness is controlled from the I2C
brightness registers (register 0x09[6]=0) , the 11-bit
brightness data is default to controls the LED current in
LED1 and LED2.
The I2C brightness dimming is the concatenation of the
two brightness registers (registers 0x04[2:0] and
0x05[7:0]). The LED current only changes when the
MSBs are written, meaning that to do a full 11-bit
current change via I2C, first the 3 MSBs are written and
then the 8 LSBs are written. It can be selected as either
linear or exponential. (register 0x02[4]).
In linear mapped mode the LED current follows the
relationship :
ILED = 0.0122mA*Brightness Code
In exponential mapped mode the LED current follows
the relationship:
ILED = 0.0183mA*(1.0035
Brightness Code )
The 11-bit exponential mapping is small enough such
that the transition from one code to the next in terms of
LED brightness is not distinguishable to the eye.
c. LED Brightness Current and PWM
The LED brightness current is controlled with the
register and the PWM Duty Cycle. LED current
mapping can be selected as either linear or exponential,
shows
as
the
Figure
4.
The
LED
current
is
approximated by the equation :
With linear mapping the 10 bit code to current is
approximates by the equation :
ILED = 0.0244mA*Brightness Code*PWM Duty
With linear mapping the 11 bit code to current is
approximates by the equation :
ILED = 0.0122mA*Brightness Code*PWM Duty
With exponential mapping the 10 bit code to current is
approximates by the equation :
ILED = 0.0183mA*(1.0071
Brightness Code*PWM Duty)
With exponential mapping the 11 bit code to current is
approximates by the equation :
ILED = 0.0183mA*(1.0035
Brightness Code*PWM Duty)
10 bit LED Current vs. Linearty
Brightness Code
0.000
0.005
0.010
0.015
0.020
0.025
0
256
512
768
1024
Brightness Code (LSB)
10 bit LED Current vs. Exponential
Brightness Code
0.000
0.005
0.010
0.015
0.020
0.025
0
256
512
768
1024
Brightness Code (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com