Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT4832AWSC Datasheet HTML 1Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 2Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4832A-00
January
2017
www.richtek.com
1
Sub PMIC with Dual-Output Boost Converter with I2C
Interface for Flash LED and Backlight LED, Dual-Output LCD
Bias and DSV
General Description
The RT4832A is an integrated total power solution for
Flash LED Driver, Backlight WLED Driver, and DSV
Driver. Flash LED Driver provides up to 2-CH 1.5A
applications. Back Light WLED Driver supports up to
36V output for 10 WLEDs applications. And it provides
1024 steps LED current with logarithmic/linear curve.
DSV is implemented by one single inductor boost and
inverting charge pump, which provide customers
minimum EVB area compared to dual inductors. The
negative output power (CPOUT) comes from boost
output (LCMOUT). It also provides DSV positive
voltage (POS), which power noise is reduce by passing
though LDO. Their ranges can be programmed from
±4V to ±6V per 50mV step respectively. Flash Boost
Converter operates at 2MHz/4MHz frequency. The
4MHZ frequency solution allows tinny and low-profile
components. Torch Mode Current can be set from
25mA to 375mA per 25mA step. And Strobe Mode
Current range is from 100mA to 1.5A per 100mA step.
DSV drives TFT-
LCD panels up to 10” (from SFF to
MFF like tablets). These two output rails are usually
connected to Source Driver IC. Wide input voltage
range from 2.5V to 5.5V optimizes the single-cell
battery applications (Li-Ion, Ni-Li, Li-Polymer) and
which symmetrical output current is up to 80mA.
The RT4832A provides complete protection such as
VIN under voltage lockout, Vin monitor protection, over
current protection, over voltage protection, LED short
protection,
VOUT
short
protection
and
over
temperature protection.
The RT4832A is available in WL-CSP-30B 2.24x2.64
(BSC) package.
Applications
Smart Phones
Probable Instruments
Features
Input Voltage Range : 2.5V to 5.5V
Internal Soft-start, UVLO, OTP, OCP
Typical Shutdown Current : < 1
A
40 to 85°C Temperature Range
2CH Back Light LED Driver
Drives Up to 10 WLEDs in Two Strings
External PWM Pin Control and I
2C
Programmable 11 bit Linear and Exponential
Brightness
LED Current Accuracy
5% (>500A), 3%
(>5mA)
I
2C Programmable OVP 18/22/25/29/33/36V
2CH Flash LED Driver
Torch Mode Current from 25mA to 375mA per
25mA Step with 2 Channels
Strobe Mode Current from 100mA to 1.5A per
100mA Step with 2 Channels
I
2C Programmable Flash Safety Timer from
32ms to 1024ms per 32ms Step
High Accurate Safety Timer ±10%, Current
Accuracy
4% (>375mA), Current Matching
7% (>375mA)
VIN Monitor Protection from 2.5V to 3.2V per
0.1V Step
Selectable Input Current Limit 1.9/2.8A
2MHz/4MHz Switching Frequency for Flash LED
Flash LED1/2 Short Protection, and Output
Short Protection
Txmask Protection by Independent Pin
DSV
I
2C Programmable Output Voltages
Flexible Boost Voltage, POS, CPOUT Default
Setting
Regulated Voltage Output : 4V to 6V per 50mV
Step
Positive Voltage Output : 4 to 6V per 50mv Step
Negative Voltage Output :
4 to 6V per 50mV
Step
User Selectable Output Fast Discharge Mode or


Similar Part No. - RT4832AWSC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
RT48 3M-RT48 Datasheet
392Kb / 6P
Scotch-WeldTM Retaining Compound Anaerobic Adhesives
Nov-2016
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
RT4801HWSC RICHTEK-RT4801HWSC Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
RT4805AWSC RICHTEK-RT4805AWSC Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
More results

Similar Description - RT4832AWSC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Maxim Integrated Produc...
MAX5072 MAXIM-MAX5072 Datasheet
1Mb / 27P
2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
Rev 2; 2/06
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LT8410 LINER-LT8410 Datasheet
260Kb / 16P
Ultralow Power Boost Converter with Output Disconnect
logo
STMicroelectronics
AN2359 STMICROELECTRONICS-AN2359 Datasheet
368Kb / 18P
Double output Buck-Boost converter with VIPerX2A
04-Dec-2006
logo
Linear Technology
LT8410 LINER-LT8410_15 Datasheet
319Kb / 16P
Ultralow Power Boost Converter with Output Disconnect
LT8410-1 LINER-LT8410-1_15 Datasheet
319Kb / 16P
Ultralow Power Boost Converter with Output Disconnect
logo
Texas Instruments
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Maxim Integrated Produc...
MAX5072 MAXIM-MAX5072_V01 Datasheet
2Mb / 30P
2.2MHz, Dual-Output Buck or Boost Converter with POR and Power-Fail Output
2019
MAX5073 MAXIM-MAX5073_V01 Datasheet
869Kb / 24P
2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com