Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT4832AWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4832A-00
January
2017
10
DSV Accuracy_CPOUT
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
DAC Code
2.5V
3V
3.5V
4V
4.5V
VIN = 3.7V, 0x0C = 0x48, 0x0D = 0x18,
0x0E = 0x14, 0x0F = 0x14
BLED Accuracy Linearty
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
0.005
0.01
0.015
0.02
0.025
ILED (A)
VIN = 3.7V, 2P10S, LED Brightness
code from 0 to 2048
BLED Matching Linearty
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.005
0.01
0.015
0.02
0.025
ILED (A)
VIN = 3.7V, 2P10S, LED Brightness
code from 0 to 2048
BLED ILED vs. Brightness Code
0.000
0.005
0.010
0.015
0.020
0.025
0
256
512
768
1024 1280 1536 1792 2048
Brightness Code
VIN = 3.7V, 2P10S, LED Brightness
code from 0 to 2048, 0x02[4] = 1
BLED ILED vs. Brightness Code
0.000
0.005
0.010
0.015
0.020
0.025
0
256
512
768
1024 1280 1536 1792 2048
Brightness Code
VIN = 3.7V, 2P10S, LED Brightness
code from 0 to 2048, 0x02[4] = 0
BLED Efficiency vs. Input Voltage
70
72
74
76
78
80
82
84
86
88
90
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
VIN = 2.5V to 5.5V, 2P10S,
ILED = 25mA per string
1MHz
500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com