Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT4832AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 20Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 21Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 23Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4832A-00
January
2017
20
Figure 4. LED Current vs Brightness Code
Ramp Rate
There are 16 programmable ramp rates available in the
RT4832A. These ramp rates are programmable as a
time. Therefore, the ramp time from one current
set-point to the next, depends on the register 0x03[6:3].
Over-Voltage Protection (Open LED, Open Circuit)
The RT4832A provides an internal over voltage
protection to limit its output voltage. The OVP function
prevents the RT4832A from damaging while open LED
or open circuit condition occurs. Once the open circuit
condition is removed, and the RT4832A will return to
normal operation.
Over-Current Protection
The RT4832A features a 1.2A OCP. The driver
provides cycle-by-cycle current limit function to control
the current on power switch. The boost switch turns off
when
the
inductor
current
reaches
this
current
threshold and it remains off until the beginning of the
next switching cycle. This protects the RT4832A and
external component under overload conditions.
Flash LED
The RT4832A FLED provides a current regulated
output to drive high current white LEDs for camera
flash applications. The output current provides up to
375mA for torch and 1.5A for strobe per channel white
LEDs for camera flash applications. It adopts two
channels to provide accurately regulated current flow
through two separate white LEDs.
The RT4832A FLED can be set in Flash or Torch mode
by the register and the STRB pin. Figure 5 shows the
RT4832A FLED operation and Table 6 contains the
FLED operation control table.
Flash Mode
In Flash Mode, FLED provides 15 different current
levels from 100mA to 1500mA in step of 100mA. The
flash currents are adjusted via the register 0x06[3:0] for
flash brightness. RT4832A provides 32 steps timeout
from 32ms to 1024ms in step of 32ms for flash mode
only. The Flash mode can be set via the register
0x0A[1] = 1 and 0x0A[2] = 1.
Timeout
To avoid the thermal increase from flash current,
RT4832A provides 32 steps timeout from 32ms to
1024ms in step of 32ms for flash mode only. The
timeout can be set via the register 0x07[4:0]. Once a
flash event is completed, the Flash Timeout flag in
register 0x0B bit [1] is set. This is a status only flag so
the Flash Enable bit is not cleared. If a Flash event is
activated via the STROBE pin and STROBE transitions
low after the end of the programmed flash timeout, the
Flash event is terminated at the programmed Flash
11 bit LED Current vs. Linearty
Brightness Code
0.000
0.005
0.010
0.015
0.020
0.025
0
256
512
768
1024 1280 1536 1792 2048
Brightness Code (LSB)
11 bit LED Current vs. Exponential
Brightness Code
0.000
0.005
0.010
0.015
0.020
0.025
0
256
512
768
1024 1280 1536 1792 2048
Brightness Code (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com