Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4832AWSC Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT4832AWSC
Description  Sub PMIC with Dual-Output Boost Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4832AWSC Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT4832AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 15Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 16Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 17Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 18Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 19Page - Richtek Technology Corporation RT4832AWSC Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
RT4832A
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4832A-00
January
2017
16
Application Information
I
2C
S 0 0 1 0 0 0 1 0
R/W
A
P
I2C Write Control
Slave ID
Data Address
S 0 0 1 0 0 0 1 0
R/W
A
I2C Read Control
Slave ID
Data Address
A
ACK from Slave
ACK from Slave
ACK from Slave
Write Data1
A
ACK from Slave
A
Read Data1
ACK from Master
A P
NACK from Master
Read Data2
A
A
0 0 1 0 0 0 1 1
ACK from Slave
ACK from Slave
R/W
Slave ID
P
P
Write Data2
A
ACK from Slave
DSV
The RT4832A provides programmable LCMOUT, POS,
CPOUT value. Table 1 contains the detail for DSV
operation setting. The LCMOUT should be selected to
provide enough headroom for good ripple and load
transient performance. The headroom voltage between
LCMOUT and the maximum value of VPOS and
|VCPOUT| should be higher than 150mV for good
performance but the headroom voltage between
LCMOUT and |VCPOUT| should not be higher than
200mV to avoid the larger ripple at VCPOUT.
The OCP level of POS is 250mA and CPOUT is 150mA
typically.
Table 1. DSV Operation Setting
Channel
Range
Step
Register
Default Value
Suggest Setting
LCMOUT
4V to 6.15V
50mV/LSB
0x0D[5:0]
6V
5.7V
VPOS
4V to 6V
50mV/LSB
0x0E[5:0]
5.5V
5.5V
CPOUT
4V to 6V
50mV/LSB
0x0F[5:0]
5.4V
5.5V
The DSV con be controlled either by pins or register bits. Table 2 is the DSV operation control table.
Table 2. DSV Operation Control Table
EN pin
ENP pin
ENM pin
Dsv_ext_en
0x09[5]
DSV_vpos_en
0x0C[6]
DSV_vneg_en
0x0C[3]
Status
0
X
X
X
X
X
Shutdown
1
X
X
0
0
0
Standby
1
0
0
1
X
X
Standby
1
X
X
0
1
0
VPOS enable
1
X
X
0
0
1
VNEG enable
1
X
X
0
1
1
VPOS & VNEG enable
1
1
0
1
X
X
VPOS enable
1
0
1
1
X
X
VNEG enable
1
1
1
1
X
X
VPOS & VNEG enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com