Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT6908 Datasheet HTML 1Page - Richtek Technology Corporation RT6908 Datasheet HTML 2Page - Richtek Technology Corporation RT6908 Datasheet HTML 3Page - Richtek Technology Corporation RT6908 Datasheet HTML 4Page - Richtek Technology Corporation RT6908 Datasheet HTML 5Page - Richtek Technology Corporation RT6908 Datasheet HTML 6Page - Richtek Technology Corporation RT6908 Datasheet HTML 7Page - Richtek Technology Corporation RT6908 Datasheet HTML 8Page - Richtek Technology Corporation RT6908 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
RT6908
4
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Functional Pin Description
Pin No.
Pin Name
Pin Function
1, 13, 17,
41(Exposed Pad)
PGND
Power Ground. The exposed pad must be soldered to a large PCB and
connected to PGND for maximum thermal dissipation.
2
FBB1
Feedback Input for Buck1 Converter.
3
COMP1
Compensation Pin for Buck1 Converter. This pin is the output node of the
error amplifier.
4
RSTB
Voltage Detector Open-Drain Output.
5
SDA
I
2
C Compatible Serial Data Input/Output.
6
SCL
I
2
C Compatible Serial Clock Input.
7
VDET
Voltage Detector Input.
8
AVDD
Output Sense Pin for Boost Converter AVDD.
9
GD
Gate Drive. Used to control an external MOSFET switch to provide input to
output isolation of AVDD.
10
LXI
Isolation Switch Input.
11
COMP
Boost Converter (AVDD) Compensation. Connect a compensation network
to ground.
12
A0
I
2
C Compatible Device Address Bit 0.
14, 15, 16
LX
Boost Converter (AVDD) Switch. Connect an inductor between this pin and
input voltage source.
18
VGL
Output Sensing Pin of VGL Negative Charge Pump.
19
VGH
Output Sensing Pin of VGH Positive Charge Pump.
20
DRVP
Base Drive of External PNP Transistor for VGH Positive Charge Pump.
21
DRVN
Base Drive of External NPN Transistor for VGL Negative Charge Pump.
22
CRST
Voltage Detector Delay Capacitor Connection. Connect capacitor from this
pin to ground.
23
COMP2
Compensation Pin for Buck2 Converter.
24
FBB2
Feedback Input for Buck2 Converter.
25
ILIMIT2
Current Limit Adjustment for Buck2 Converter. Connect a resistor from
ILIMIT2 to AGND to adjust the current limit threshold below 300mV.
26
DLB2
Low Side Gate Driver Output for Buck2 Converter.
27, 37
NC
Not Internal Connected. Should be floating or connected to GND
Figure 3. I2C Interface Timing Diagram
SDA
SCL
tHD, STA
tSU, DAT
tHD, DAT
tSU, STA
tHD, STA
tSP
tBUF
tLOW
tHIGH
tSU, STO
tR
tF
START
Condition
Repeated Start
Condition
STOP
Condition
START
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com