Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT6908 Datasheet HTML 12Page - Richtek Technology Corporation RT6908 Datasheet HTML 13Page - Richtek Technology Corporation RT6908 Datasheet HTML 14Page - Richtek Technology Corporation RT6908 Datasheet HTML 15Page - Richtek Technology Corporation RT6908 Datasheet HTML 16Page - Richtek Technology Corporation RT6908 Datasheet HTML 17Page - Richtek Technology Corporation RT6908 Datasheet HTML 18Page - Richtek Technology Corporation RT6908 Datasheet HTML 19Page - Richtek Technology Corporation RT6908 Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
RT6908
16
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
The RT6908 is a programmable multi-functional power
solution for TFT LCD panels. The RT6908 contains a step-
up converter for main power, a synchronous buck
converter and a synchronous buck controller to provide
the logic voltages for timing controller, voltage detector
for the system. Moreover, a positive charge pump regulator
provides the adjustable gate-high voltage and a negative
charge pump regulator provides the gate low voltage.
Boost Converter
The boost converter is high efficiency PWM architecture.
It performs fast transient responses to generate source
driver supplies for TFT LCD display. The high operation
frequency allows use of smaller components to minimize
the thickness of the LCD panel. The output voltage can be
achieved by setting the I2C register 00h [5:0]. The Boost
minimum gain ratio depends on minimum on time. It
suggested that AVDD higher than 1.14XVIN for better
performance.
Boost Soft-Start
The main boost converter has an internal soft-start function
to reduce the input inrush current. The soft-start time can
be achieved from 0ms to 15ms by setting the I
2C register
0Bh [3:0].
Boost Over Voltage Protection
The main boost converter has an over voltage protection
to protect the main switch at the LXI pin. When the LXI
pin voltage rises above 20V, the boost converter turns the
switch off. As soon as the output voltage falls below the
over voltage threshold, the converter will resume operation.
Boost Over Current Protection
The RT6908 senses the inductor current that is flowing
into the LX pin. The internal N-MOSFET will be turned off
if the peak inductor current reaches 5.6A (typ.). Thus, the
output current at the current limit boundary, denoted as
IOUT(LIM), can be calculated according to the following
equation :
η
×−
⎛⎞
××
− ×
×
⎜⎟
⎝⎠
IN
OUT
IN
S
IN
OUT(LIM)
LIM
OUT
OUT
V(V
V )
T
V
1
I
=
I
V2
V
L
where
η is the efficiency of the boost converter, ILIM is the
value of the current limit and TS is the switching period.
Boost Short Circuit Protection
The main boost converter has a short circuit protection.
This function disables the boost converter and isolation
P-MOSFET if the difference voltage between the LXI and
AVDD pin larger than ILIMGD I2C register 0Ch [3:0] setting.
The IC will shut down if this difference voltage remains
above setting value after 200
μs. Besides, IC will also shut
down if input voltage below UVLO threshold at AVDD short
circuit period. Only input voltage below 5V (typ.) then re-
power on and remove fault condition, IC can return to normal
operation.
Boost Under Voltage Fault Protection
The main boost converter has a fault protection. This
function disables the boost converter if AVDD is detected
to be below 80%. The IC will shut down if AVDD remains
below 80% after 50ms.
Boost Inductor Selection
The inductor value depends on the maximum input current.
As a general rule the inductor ripple current is 20% to
40% of maximum input current. If 40% is selected as an
example, the inductor ripple current can be calculated
according to the following equation :
η
×
×
×
OUT
OUT(MAX)
IN(MAX)
IN
RIPPLE
IN(MAX)
VI
I
=
V
I
= 0.4 I
where
η is the efficiency of the boost converter, IIN(MAX) is
the maximum input current and IRIPPLE is the inductor ripple
current. The input peak current can be obtained by adding
the maximum input current with half of the inductor ripple
current as shown in the following equation :
IPEAK = IRIPPLE + IIN(MAX) = 1.2 IIN(MAX)
Note that the saturated current of inductor must be greater
than IPEAK. The inductance can eventually be determined
according to the following equation :
() (
)
()
η ××
−
××
×
2
IN
OUT
IN
2
OUT
OUT(MAX)
OSC
VV
V
L =
0.4
V
I
f
where fOSC is the switching frequency. For better system
performance, a shielded inductor is preferred to avoid EMI
problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com