Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT6908 Datasheet HTML 1Page - Richtek Technology Corporation RT6908 Datasheet HTML 2Page - Richtek Technology Corporation RT6908 Datasheet HTML 3Page - Richtek Technology Corporation RT6908 Datasheet HTML 4Page - Richtek Technology Corporation RT6908 Datasheet HTML 5Page - Richtek Technology Corporation RT6908 Datasheet HTML 6Page - Richtek Technology Corporation RT6908 Datasheet HTML 7Page - Richtek Technology Corporation RT6908 Datasheet HTML 8Page - Richtek Technology Corporation RT6908 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
RT6908
3
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Timing Diagram
Figure 2. Default Mode Power Sequence (VEN_I2C = 0)
Figure 1. I2C Mode Power Sequence (VEN_I2C = 1)
Control Byte
(Internal Register)
VEN_I2C
AVDD
300µs
VCORE 1.1V
VGH
VRSTB
3ms
TCRST
VGL
4ms
TDLY3
300µs
VI/O 3.3V
VDET
I
2
C Bus
TDLY1
TDLY2
TCON Program
TSS
0xFF=0x55
DLY1,DLY2 begins start up
12V
or VL
VEN
12V
or VL
TCGD
Q1 VSG
(VLXI - VGD)
4V
VEN_I2C
AVDD
300µs
VCORE 1.1V
VGH
VRSTB
3ms
TCRST
VGL
300µs
VI/O 3.3V
VDET
I
2
C Bus
TDLY1
0V
VEN
12V
or VL
(Default voltage : -6V)
(Default : 200ms)
(Default : 10ms)
(Default : 2ms)
(Default : 400ms)
(Default voltage : 15.6V)
4ms
TDLY3
TSS
TCGD
(Default voltage : 35.5V)
TDLY2
Q1 VSG
(VLXI - VGD)
4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com