Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT6908 Datasheet HTML 14Page - Richtek Technology Corporation RT6908 Datasheet HTML 15Page - Richtek Technology Corporation RT6908 Datasheet HTML 16Page - Richtek Technology Corporation RT6908 Datasheet HTML 17Page - Richtek Technology Corporation RT6908 Datasheet HTML 18Page - Richtek Technology Corporation RT6908 Datasheet HTML 19Page - Richtek Technology Corporation RT6908 Datasheet HTML 20Page - Richtek Technology Corporation RT6908 Datasheet HTML 21Page - Richtek Technology Corporation RT6908 Datasheet HTML 22Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
RT6908
20
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
VGL Negative Regulator
The VGL negative regulator controller provides low level
voltage for gate driver. The linear regulator can provide a
programmable output voltage. The output voltage can be
adjusted by setting the I2C register 02h [5:0]. The VGL
negative regulator controller has a fault protection. This
function can disable the VGL negative regulator controller
when the VGL voltage is detected to be above VGL + 2V.
If the voltage remains above VGL + 2V after 50ms, the IC
will shut down. Moreover, If VGL voltage above
−0.5V, the
IDRVN source current will be limited to 300
μA for short
circuit protection.
VGH Positive Regulator
The VGH positive regulator controller provides high level
voltage for gate driver. The linear regulator can provide a
programmable output voltage. The output voltage can be
adjusted by setting the I2C register 01h [4:0]. The VGH
positive regulator controller has a fault protection. This
function can disable the VGH regulator controller when
the VGH voltage is detected to be below 75%. If the VGH
voltage remains below 75% after 50ms, the IC will shut
down. Moreover, If VGH voltage remains below 20%, the
IDRVP sink current will be limited to 80
μA for short circuit
protection.
Voltage Detector
The voltage detector monitors the VDET voltage to generate
the RSTB pin signal. The RSTB pin will be floating and
pulled high by VI/O if VDET is higher than the detecting
level. Moreover, the detector power on delay can be
determined by connect capacitor to the CRST pin and
ground. The detecting level and delay time can be
determined as the following equations :
DET
DET
9
R25
Detect voltage, falling = V
1 +
,
R26
where V
=0.6V (typ.)
Detector delay time = 0.1563 C17 10
(ms)
⎛⎞
×⎜⎟
⎝⎠
××
Under Voltage Lockout Protection
The UVLO circuit compares the input voltage at the AVIN
pin with the UVLO threshold (8.6V rising, typ.) to ensure
that the input voltage is high enough for reliable operation.
The 1V (typ.) hysteresis prevents supply transients from
causing a shutdown. Once the input voltage exceeds the
UVLO rising threshold, start-up begins. When the input
voltage falls below the UVLO falling threshold, all switch
will be turned off and latched. Otherwise, input voltage
need below 5V (typ.), the IC can be reset.
Over Temperature Protection
The RT6908 equips an Over Temperature Protection (OTP)
circuitry to prevent overheating due to excessive power
dissipation. The OTP will shut down switching operation
when junction temperature exceeds 150
°C. Once the
junction temperature cools down by approximately 50
°C,
the RT6908 will resume operation. To maintain continuous
operation maximum, the junction temperature should be
prevented from rising above 125
°C.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications of
the RT6908, the maximum junction temperature is 125
°C
and TA is the ambient temperature. The junction to ambient
thermal resistance,
θJA, is layout dependent. For
WQFN-40L 5x5 package, the thermal resistance,
θJA, is
36
°C/W on a standard JEDEC 51-7 four-layer thermal test
board. The maximum power dissipation at TA = 25
°C can
be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (36°C/W) = 2.778W for
WQFN-40L 5x5 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. For the RT6908 package, the derating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com