Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6908 Datasheet HTML 1Page - Richtek Technology Corporation RT6908 Datasheet HTML 2Page - Richtek Technology Corporation RT6908 Datasheet HTML 3Page - Richtek Technology Corporation RT6908 Datasheet HTML 4Page - Richtek Technology Corporation RT6908 Datasheet HTML 5Page - Richtek Technology Corporation RT6908 Datasheet HTML 6Page - Richtek Technology Corporation RT6908 Datasheet HTML 7Page - Richtek Technology Corporation RT6908 Datasheet HTML 8Page - Richtek Technology Corporation RT6908 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
RT6908
2
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Typical Application Circuit
RT6908
LX
LXI
AVIN
14, 15, 16
10
120µF
6.8µH
1µF
VL
BOOT1
35
33
38
36
VINB1
1µF
0.1µF
10µF
22µF
VIN
12V
39, 40
LXB1
10µH
FBB1
2
VI/O
3.3V
A0 12
RSTB
4
AVDD
100k
47nF
0.22µF
6.8
35.5V
VGH
DRVP
VGH
LXB1
20
19
AGND
34
1, 13, 17,
41 (Exposed Pad)
PGND
2.2nF
4.7nF
GD
AVDD
10µF
8
9
22µF x
2
100pF
47k
15k
0.1µF
6.8
0.22µF
6.8
LX
6.8
10µF
AVDD
15.6V
SDA
VI/O
SCL
SCL
SDA
4.7k
4.7k
4.7k
RSTB
5
6
100k
DRVN 21
0.22µF
6.8
LXB1
6.8
47nF
-6V
VGL
10µF
VGL
18
22
CRST
22nF
VCORE
1.1V
10µF
4.7µH
VIN
0.22µF
1nF
1.5
30 BOOT2
28 DHB2
26
DLB2
29 LXB2
10k
24k
10pF
1nF
24k
24 FBB2
23 COMP2
1.2k
470pF
22µF
x 3
20k
EN
32
VL
EN_I2C
31
VL
VDET
7
VI/O
47k
15k
470pF
3
COMP1
120k
25
ILIMIT2
33k
C1
L1
C6
C7
C8
L2
C11
R2
R3
C12
C13
R4
C19
R5
R6
R27
R10
M1
C20
C21
M2
C22
R13
L3
R11
C23
R14
C24
R12
R23
C25
C26
R24
R25
R26
D1
C2
Q1
C3
C4
C5
R1
C9
1µF
Q2
C10
C14
R7
R8
C15
D2
D3
D4
D5
C16
R9
R10
C17
C18
R16
R17
R18
C27
R19
Q3
D6
D7
C28
R20
R21
C29
11
220k
330pF
COMP
R22
C30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com