Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT6908 Datasheet HTML 6Page - Richtek Technology Corporation RT6908 Datasheet HTML 7Page - Richtek Technology Corporation RT6908 Datasheet HTML 8Page - Richtek Technology Corporation RT6908 Datasheet HTML 9Page - Richtek Technology Corporation RT6908 Datasheet HTML 10Page - Richtek Technology Corporation RT6908 Datasheet HTML 11Page - Richtek Technology Corporation RT6908 Datasheet HTML 12Page - Richtek Technology Corporation RT6908 Datasheet HTML 13Page - Richtek Technology Corporation RT6908 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
RT6908
10
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Typical Operating Characteristics
Boost Efficiency vs. Load Current
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2
Load Current (A)
VIN = 12V, VAVDD = 15.6V
Buck1 Efficiency vs. Load Current
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2
Load Current (A)
VIN = 12V, VI/O = 3.3V
Buck2 Efficiency vs. Load Current
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2
Load Current (A)
VIN = 12V, VCORE = 1.1V
Buck1 Output Voltage vs. Load Current
2.4
2.7
3.0
3.3
3.6
3.9
00.5
11.5
2
Load Current (A)
VIN = 12V, VI/O = 3.3V
Buck2 Output Voltage vs. Load Current
0.8
0.9
1.0
1.1
1.2
1.3
00.5
11.5
2
Load Current (A)
VIN = 12V, VCORE = 1.1V
Boost Output Voltage vs. Load Current
14.0
14.5
15.0
15.5
16.0
16.5
17.0
00.5
11.5
2
Load Current (A)
VIN = 12V, VAVDD = 15.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com