Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT6908 Datasheet HTML 5Page - Richtek Technology Corporation RT6908 Datasheet HTML 6Page - Richtek Technology Corporation RT6908 Datasheet HTML 7Page - Richtek Technology Corporation RT6908 Datasheet HTML 8Page - Richtek Technology Corporation RT6908 Datasheet HTML 9Page - Richtek Technology Corporation RT6908 Datasheet HTML 10Page - Richtek Technology Corporation RT6908 Datasheet HTML 11Page - Richtek Technology Corporation RT6908 Datasheet HTML 12Page - Richtek Technology Corporation RT6908 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
RT6908
9
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
FBB2 Fault Trip Level
VFBB2 Falling
0.6144
0.64
0.6656
V
FBB2 Short Trip Level
VFBB2 Falling
--
0.16
--
V
ILIMIT2 Source Current
--
40
--
μA
Low Side Switch Current
Limit
Cycle by Cycle
--
VILIMIT2
/ 8
--
V
Maximum ILIMIT2
Voltage Setting
--
2.4
--
V
Negative Charge Pump Controller (VGL)
VGL Adjustable Output
Voltage Range
VGL
Register Address = ”02h”, 6 bits, VGL
= (
−1.8V to −8.1V) [00h to 3Fh]
−8.1
--
−1.8
V
VGL Regulation Voltage
(Default)
VGL
VDRVN = 0.6V, IDRVN = −100μA
−6.3
−6
−5.7
V
DRVN Sink Current Limit
IDRVN,MAX VDRVN = 0.6V
--
3.5
5
mA
DRVN Short Circuit
Current
IDRVN,SC
VGL > −0.5V
--
300
--
μA
VGL Load Regulation
Error
VDRVN = 0.6V,
−50μA < IDRVN < −1mA
--
60
--
mV/mA
Soft-Start Period
TSS
--
3
--
ms
VGL Fault Trip Level
VGL Rising
VGL
+ 1.5
--
VGL
+ 2.5
V
VGL Short Trip Level
VGL Rising
−0.5
V
Positive Charge Pump Controller (VGH)
VGH Adjustable Output
Voltage Range
VGH
Register Address = ”01h”, 5 bits,
VGH = (24.5V to 40V) [00h to 1Fh]
24.5
--
40
V
VGH Regulation Voltage
(Default)
VGH
VDRVP = 15.6V, IDRVP = 100μA
34.79
35.5
36.21
V
DRVP Source Current
Limit
IDRVP,MAX
VDRVP = 15.6V
--
3.5
5
mA
DRVP Short Circuit
Current
IDRVP,SC
VGH < 20%
--
80
--
μA
VGH Load Regulation
Error
VDRVP = 15.6V, 50μA < IDRVP < 1mA
--
300
--
mV/mA
Soft-Start Period
TSS
--
4
--
ms
VGH Fault Trip Level
VGH Falling
VGH
x 70
VGH
x 75
VGH
x 80
%
VGH Short Trip Level
VGH Falling
--
20
--
%
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com