Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT6908 Datasheet HTML 1Page - Richtek Technology Corporation RT6908 Datasheet HTML 2Page - Richtek Technology Corporation RT6908 Datasheet HTML 3Page - Richtek Technology Corporation RT6908 Datasheet HTML 4Page - Richtek Technology Corporation RT6908 Datasheet HTML 5Page - Richtek Technology Corporation RT6908 Datasheet HTML 6Page - Richtek Technology Corporation RT6908 Datasheet HTML 7Page - Richtek Technology Corporation RT6908 Datasheet HTML 8Page - Richtek Technology Corporation RT6908 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
RT6908
5
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Pin No.
Pin Name
Pin Function
28
DHB2
High Side Gate Driver Output for Buck2 Converter.
29
LXB2
Buck2 Converter Switch node Between High Side MOSFET and Low Side
MOSFET.
30
BOOT2
N-MOSFET Gate Drive Voltage for Buck2 Converter. Connect a capacitor
from the switch node LXB2 to this pin.
31
EN_I2C
Enable for I
2
C Control. AVDD, VGL, VGH enabled by I
2
C Control.
32
EN
Chip Enable (Active High). Tie to VL to enable the device.
33
VL
Internal Logic Regulator Output. Connect this pin with a decoupling
capacitor.
34
AGND
Analog Ground.
35
AVIN
Analog Input Voltage of the Device. This is the input for the analog circuits.
Connect this pin with a decoupling capacitor.
36
VINB1
Power Input Voltage Pins for the VI/O Buck Converter.
38
BOOT1
N-MOSFET Gate Drive Voltage for Buck1. Connect a capacitor from the
switch node LXB1 to this pin.
39
LXB1
Buck1 Switch node Between High Side MOSFET and Low Side MOSFET.
40
LXB1
Buck1 Switch node Between High Side MOSFET and Low Side MOSFET.
Function Block Diagram
Internal
Regulator
Sync.
Buck1
AVIN
VL
BOOT1
VINB1
LXB1
FBB1
BOOST
LXI
GD
AVDD
COMP
LX
Sequence
Control
EN_I2C
DC/DC
DAC
REG
I
2
C
Interface
SDA
SCL
A0
VDET
VGL
Regulator
VL
DRVN
VGH
Regulator
DRVP
VGH
DHB2
PGND
AGND
Voltage
Detector
EN
RSTB
CRST
Sync.
Buck2
LXB2
DLB2
FBB2
COMP2
ILIMIT2
BOOT2
VL
VGL
COMP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com