Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT6908 Datasheet HTML 14Page - Richtek Technology Corporation RT6908 Datasheet HTML 15Page - Richtek Technology Corporation RT6908 Datasheet HTML 16Page - Richtek Technology Corporation RT6908 Datasheet HTML 17Page - Richtek Technology Corporation RT6908 Datasheet HTML 18Page - Richtek Technology Corporation RT6908 Datasheet HTML 19Page - Richtek Technology Corporation RT6908 Datasheet HTML 20Page - Richtek Technology Corporation RT6908 Datasheet HTML 21Page - Richtek Technology Corporation RT6908 Datasheet HTML 22Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
RT6908
21
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Layout Consideration
For high frequency switching power supplies, the PCB
layout is important to get good regulation, high efficiency
and stability. The following descriptions are the guidelines
for better PCB layout.
For good regulation, place the power components as
close as possible. The traces should be wide and short
enough especially for the high current loop.
The compensation circuit should be kept away from
the power loops and be shielded with a ground trace to
prevent any noise coupling.
Minimize the size of all LX nodes and keep them wide
and shorter.
The exposed pad of the chip should be connected to a
strong ground plane for maximum thermal consideration.
Figure 5. Derating Curve for the RT6908 Package
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
Figure 6. PCB Layout Guide
AGND
R4
C19
L2
C11
C13
R3
VI/O
VIN
L1
PGND
C1
D1
C5
C2
R38
C28
AGND
AVDD
AVDD
L3
C24
PGND
R23
C25
C26
VCORE
R11
R12
AGND
C12
R2
Q1
C20
M1
M2
Place the power components as
close as possible. The traces should
be wide and short especially for the
high-current loop.
The exposed pad of the chip
should be connected to ground
plane for thermal consideration.
Separate power ground (PGND) and analog ground
(AGND). Connect the AGND and the PGND islands
at a single end. Make sure that there are no other
connections between these separate ground planes.
The power ground (PGND) consists of input and output
capacitor grounds, the components's ground of charge
pump. The PGND should be wide and short enough to
connect to a ground plane.
Place the power components
as close as possible.
The compensation circuit should be
kept away from the power loops and
should be shielded with a ground
trace to prevent any noise coupling.
Place the power components as close as
possible. The traces should be wide and
short especially for the high current loop.
The compensation circuit
should be kept away from the
power loops and should be
shielded with a ground trace
to prevent any noise coupling.
VIN
C54
C21
PGND
RSTB
COMP1
LXI
GD
AVDD
VDET
SDA
SCL
FBB1
BOOT2
NC
DHB2
DRVN
CRST
COMP2
FBB2
DLB2
ILIMIT2
LXB2
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
31
32
33
34
35
36
37
38
39
40
41
PGND
VIN
curve in Figure 5 allows the designer to see the effect of
rising ambient temperature on the maximum power
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com