Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT6908 Datasheet HTML 1Page - Richtek Technology Corporation RT6908 Datasheet HTML 2Page - Richtek Technology Corporation RT6908 Datasheet HTML 3Page - Richtek Technology Corporation RT6908 Datasheet HTML 4Page - Richtek Technology Corporation RT6908 Datasheet HTML 5Page - Richtek Technology Corporation RT6908 Datasheet HTML 6Page - Richtek Technology Corporation RT6908 Datasheet HTML 7Page - Richtek Technology Corporation RT6908 Datasheet HTML 8Page - Richtek Technology Corporation RT6908 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
RT6908
®
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
1
Pin Configurations
(TOP VIEW)
WQFN-40L 5x5
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
General Description
The RT6908 provides a complete set of programmable
multi-functional power solution for TFT LCD panel. The
RT6908 contains a step-up converter for main power and
step-down controllers to provide the logic voltages for the
system. Moreover, a positive charge pump regulator
provides the adjustable gate-high voltage, VGH; a negative
charge pump regulator provides the gate-low voltage, VGL.
AVDD, VGH and VGL outputs and power sequence can be
programmable through I2C interface.
With its high current capabilities, the device is ideal for
large screen monitor panels and LCD TV applications with
12V supply voltage. The RT6908 is available in a WQFN-
40L 5x5 package.
PMIC for TFT LCD TV Panels
Applications
TFT LCD TV Panel
Features
9V to 16V Input Supply Voltage
4.4A Boost Regulator for AVDD with 12.7V to 19V
Programmable Output
1-CH Sync. Buck Converter for VI/O
1-CH Sync. Buck Controller for VCORE
Negative Charge Pump Regulator for VGL with
−−−−−8.1V to −−−−−1.8V Programmable Output
Positive Charge Pump Regulator for VGH with 24.5V
to 40V Programmable Output
Programmable Sequencing
Voltage Detection Output
Over Temperature Protection
I2C Compatible Interface for Register Control
Thin 40-Lead WQFN Package
RoHS Compliant and Halogen Free
RT6908
Package Type
QW : WQFN-40L 5x5 (W-Type)
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
Marking Information
PGND
RSTB
COMP1
LXI
GD
AVDD
VDET
SDA
SCL
FBB1
BOOT2
NC
DHB2
DRVN
CRST
COMP2
FBB2
DLB2
ILIMIT2
LXB2
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
31
32
33
34
35
36
37
38
39
40
41
PGND
RT6908ZQW : Product Number
YMDNN : Date Code
RT6908
ZQW
YMDNN


Similar Part No. - RT6908

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RT6919C STMICROELECTRONICS-RT6919C Datasheet
558Kb / 32P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Dec-2002
More results

Similar Description - RT6908

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
Compact LCD Bias Supply for TFT-LCD TV Panels
logo
Toshiba Semiconductor
JBT6K47-AS TOSHIBA-JBT6K47-AS Datasheet
231Kb / 22P
Source Driver for TFT LCD Panels
JBT6L77-AS TOSHIBA-JBT6L77-AS Datasheet
222Kb / 20P
Source Driver for TFT LCD Panels
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
Gate Driver for TFT LCD Panels
logo
Texas Instruments
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
Compact LCD Bias Supply for TFT-LCD TV Panels
logo
Silicon Mitus, Inc.
SM4807C SILICONMITUS-SM4807C Datasheet
136Kb / 1P
Multi-Channel PMIC for TFT LCD TV Applications
October 2021 Rev. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com