Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT6908 Datasheet HTML 3Page - Richtek Technology Corporation RT6908 Datasheet HTML 4Page - Richtek Technology Corporation RT6908 Datasheet HTML 5Page - Richtek Technology Corporation RT6908 Datasheet HTML 6Page - Richtek Technology Corporation RT6908 Datasheet HTML 7Page - Richtek Technology Corporation RT6908 Datasheet HTML 8Page - Richtek Technology Corporation RT6908 Datasheet HTML 9Page - Richtek Technology Corporation RT6908 Datasheet HTML 10Page - Richtek Technology Corporation RT6908 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
RT6908
7
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Logic Inputs (SDA, SCL, EN, EN_I2C)
Input High Voltage
VIH
1.7
--
--
V
Input Low Voltage
VIL
--
--
0.6
V
Input Leakage Current
IIH, IIL
VIN = 0 or 3.3V
−1
0.01
1
μA
Input Capacitance
--
5
--
pF
SDA Output Low Voltage
VOL
ISINK = 6mA
--
0.3
--
V
I
2C Timing Characteristics
Serial-Clock Frequency
fSCL
0
--
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
--
--
μs
Hold Time (Repeated) START
Condition
tHD, STA
0.6
--
--
μs
SCL Pulse-Width Low
tLOW
1.3
--
--
μs
SCL Pulse-Width High
tHIGH
0.6
--
--
μs
Setup Time for a Repeated
START Condition
tSU, STA
0.6
--
--
μs
Data Hold Time
tHD, DAT
0
--
800
ns
Data Setup Time
tSU, DAT
100
--
--
ns
SDA and SCL Receiving Rise
Time
tR
20 +
0.1CB
--
300
ns
SDA and SCL Receiving Fall Time
tF
20 +
0.1CB
--
300
ns
SDA Transmitting Fall Time
tF
20 +
0.1CB
--
250
ns
Setup Time for STOP Condition
tSU, STO
0.6
--
--
μs
Bus Capacitance
CB
--
--
400
pF
Pulse Width of Suppressed Spike
tSP
--
--
50
ns
Reset Voltage Detector
Minimum Operating Voltage
AVIN Minimum Voltage for
RSTB
2.2
--
--
V
VDET Detecting Threshold
VTH
VDET Falling
--
0.6
--
V
VDET Threshold Hysteresis
ΔVTH
--
100
--
mV
RSTB Output Low Voltage
VOL
ISINK = 500μA
--
--
0.3
V
RSTB Leakage Current
ILEAK
VRSTB = 5.0V
--
0.01
0.1
μA
CRST Charge Current
ICRST
--
8
--
μA
CRST Threshold
VCRST
--
1.25
--
V
Boost Converter (AVDD)
Adjustable Output Voltage Range
VAVDD
Register Address = ”00h”, 6
bits, AVDD = (12.7V to 19V)
[00h to 3Fh]
12.7
--
19
V
AVDD Regulation Voltage
(Default)
VAVDD
No load
15.444
15.6
15.756
V
Oscillator Frequency
fOSC
600
750
900
kHz
Maximum Duty Cycle
--
90
--
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com