Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT6908 Datasheet HTML 8Page - Richtek Technology Corporation RT6908 Datasheet HTML 9Page - Richtek Technology Corporation RT6908 Datasheet HTML 10Page - Richtek Technology Corporation RT6908 Datasheet HTML 11Page - Richtek Technology Corporation RT6908 Datasheet HTML 12Page - Richtek Technology Corporation RT6908 Datasheet HTML 13Page - Richtek Technology Corporation RT6908 Datasheet HTML 14Page - Richtek Technology Corporation RT6908 Datasheet HTML 15Page - Richtek Technology Corporation RT6908 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
RT6908
12
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Time (500
μs/Div)
Boost Load Transient Response
VIN = 12V, VAVDD = 15.6V,
R22 = 220k
Ω, C30 = 330pF, C31= 10pF
VAVDD_ac
(500mV/Div)
IAVDD
(1A/Div)
Time (100ms/Div)
VIN = 12V, VAVDD = 15.6V,
VI/O = 35.5V, VGL = -6V, C17= 22nF
Power On Sequence 2
VAVDD
(10V/Div)
VGH
(20V/Div)
VGL
(5V/Div)
VRSTB
(2V/Div)
Time (500
μs/Div)
Buck1 Load Transient Response
VIN = 12V, VI/O = 3.3V, R4 = 120k
Ω, C19 = 470nF
VI/O_ac
(100mV/Div)
II/O
(1A/Div)
Time (500
μs/Div)
Buck2 Load Transient Response
VIN = 12V, VCORE = 1.1V, R23 = 24k
Ω,
C25 = 1nF, C26 = 10pF, R14 = 1.2k
Ω, C23 = 470pF
VCORE_ac
(100mV/Div)
ICORE
(1A/Div)
VGL Output Voltage vs. Temperature
-8
-7
-6
-5
-4
-3
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VGL =
−6V
Time (1ms/Div)
Power On Sequence 1
VEN
(5V/Div)
VCORE
(1V/Div)
VI/O
(2V/Div)
VRSTB
(2V/Div)
VIN = 12V, VCORE = 1.1V, VI/O = 3.3V, C17= 22nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com