Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6908 Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT6908
Description  PMIC for TFT LCD TV Panels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6908 Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT6908 Datasheet HTML 14Page - Richtek Technology Corporation RT6908 Datasheet HTML 15Page - Richtek Technology Corporation RT6908 Datasheet HTML 16Page - Richtek Technology Corporation RT6908 Datasheet HTML 17Page - Richtek Technology Corporation RT6908 Datasheet HTML 18Page - Richtek Technology Corporation RT6908 Datasheet HTML 19Page - Richtek Technology Corporation RT6908 Datasheet HTML 20Page - Richtek Technology Corporation RT6908 Datasheet HTML 21Page - Richtek Technology Corporation RT6908 Datasheet HTML 22Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
RT6908
19
DS6908-01
March 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
VCORE Buck External MOSFET Selection
The VCORE buck controller drives two external N-MOSFETs
as the switch. There are some considerations to choose
the external MOSFET. It includes MOSFET drain to source
voltage stress, on-resistance, total gate charge
characteristics and power dissipation for thermal
performance.
Buck Inductor Selection
The inductor value and operating frequency determine the
ripple current according to a specific input and output
voltage. The ripple current,
ΔIL, will increase with higher
VIN and decrease with higher inductance, as shown in
below equation :
⎛⎞ ⎛
⎞
Δ× −
⎜⎟ ⎜
⎟
×
⎝⎠ ⎝
⎠
OUT
OUT
L
OSC
IN
VV
I =
1
fL
V
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. High frequency with small ripple current can achieve
the highest efficiency operation. However, it requires a
large inductor to achieve this goal. For the ripple current
selection, the value of IL(MAX) = 0.4 is a reasonable starting
point. The largest ripple current occurs at the highest VIN.
To guarantee that the ripple current stays below the
specified maximum, the inductor value should be chosen
according to the following equation :
⎛⎞ ⎛
⎞
×−
⎜⎟ ⎜
⎟
×Δ
⎝⎠ ⎝
⎠
OUT
OUT
OSC
L(MAX)
IN(MAX)
VV
L =
1
fI
V
Buck Input Capacitor Selection
The input capacitance, CIN, is needed to filter the
trapezoidal current at the source of the high-side MOSFET.
To prevent large ripple current, a low ESR input capacitor
sized for the maximum RMS current should be used. The
RMS current is given by :
××
−
OUT
IN
RMS
OUT(MAX)
IN
OUT
V
V
I
= I
1
VV
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT / 2. This simple worst-case condition is commonly
used for design because even significant deviations do
not offer much relief. Choose a capacitor rated at a higher
temperature than required. Several capacitors may also
be paralleled to meet size or height requirements in the
design. For the input capacitor, a 10
μF low ESR ceramic
capacitor is recommended.
Buck Output Capacitor Selection
The selection of COUT is determined by the required ESR
to minimize voltage ripple. Moreover, the amount of bulk
capacitance is also a key for COUT selection to ensure
that the control loop is stable. Loop stability can be
checked by viewing the load transient response as
described in a later section. The output ripple, VOUT, is
determined by :
⎛⎞
ΔΔ ×⎜⎟
××
⎝⎠
OUT
L
OSC
OUT
1
V
= I
ESR +
8f
C
The output ripple will be highest at the maximum input
voltage since IL increases with input voltage. Multiple
capacitors placed in parallel may be needed to meet the
ESR and RMS current handling requirement. Suitable
candidates such as dry tantalum, special polymer,
aluminum electrolytic and ceramic capacitors are all
available in surface mount packages. Special polymer
capacitors offer very low ESR value. However, it provides
lower capacitance density than other types. Although
tantalum capacitors have the highest capacitance density,
it is important to only use types that pass the surge test
for use in switching power supplies. Aluminum electrolytic
capacitors have significantly higher ESR. However, it can
be used in cost-sensitive applications requiring high ripple
current rating and long term reliability. Ceramic capacitors
have excellent low ESR characteristics but can have a
high voltage coefficient and audible piezoelectric effects.
The high Q of ceramic capacitors with trace inductance
can also lead to significant ringing. Nevertheless, higher
value, lower cost ceramic capacitors are now becoming
available in smaller case sizes. Their high ripple current,
high voltage rating and low ESR make them ideal for
switching regulator applications. However, care must be
taken when these capacitors are used at the input and
output. When a ceramic capacitor is used at the input,
VIN, and the power is supplied by a wall adapter through
long wires, a load step at the output can induce ringing at
the input. At best, this ringing can couple to the output
and be mistaken as loop instability. At worst, a sudden
inrush of current through the long wires can potentially
cause a voltage spike at VIN large enough to damage the
part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com