Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 36 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 36 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 32Page - Analog Devices AD6652BBC Datasheet HTML 33Page - Analog Devices AD6652BBC Datasheet HTML 34Page - Analog Devices AD6652BBC Datasheet HTML 35Page - Analog Devices AD6652BBC Datasheet HTML 36Page - Analog Devices AD6652BBC Datasheet HTML 37Page - Analog Devices AD6652BBC Datasheet HTML 38Page - Analog Devices AD6652BBC Datasheet HTML 39Page - Analog Devices AD6652BBC Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
AD6652
Rev. 0 | Page 36 of 76
er scaling factor has been determined, the output
rCIC2 OUTPUT LEVEL
After the prop
level from the rCIC2 stage can be determined using the
following equation:
()
level
input
L
M
OL
rCIC
rCIC
_
2
2
×
=
rCIC
S
rCIC
2
2
2
2
×
le (or 1) from the ADC to the
illustrates the amount o
th in percentage of
IC2 stag
he data in this table can be
llowable sam
rate up to 65 MHz. The
sed as a tool to dec
to distribute the
e sample rate that
is rep
ented by the pass band, as follows:
where:
input_level is normally full sca
rCIC2 stage.
OLrCIC2 is the output level from the rCIC2 stage expressed as a
fraction of the input_level. OLrCIC2 is used later in the CIC5
stage-level calculations.
rCIC2 REJECTION
Table 14
f bandwid
the data rate into the rC
e. T
scaled to any other a
ple
table can be u
ide how
decimation between rCIC2, CIC5, and the RCF.
Example Calculations:
Goal:
Implement a filter with an input sample rate of 10 MHz,
requiring 100 dB of alias rejection for a ±7 kHz pass band.
Solution:
First determine the percentage of th
res
07
.
0
MHz
10
kHz
7
100
=
×
=
fraction
BW
Then find the −100 dB column on the right of the table and
look down this column for a value greater than or equal to the
pass-band percentage of the clock rate. Then look across to the
extreme left column and find the corresponding rate change
factor (MrCIC2/LrCIC2). Referring to the table, notice that for a
MrCIC2/LrCIC2 of 4, the frequency having −100 dB of alias
rejection is 0.071%, which is slightly greater than the 0.07%
calculated. Therefore, for this example, the maximum bound on
rCIC2 rate change is 4. A higher chosen MrCIC2/LrCIC2 means less
alias rejection than the 100 dB required.
An M rCIC2/L rCIC2 of less than 4 would still yield the required
rejection; however, power consumption can be minimized by
decimating as much as possible in this rCIC2 stage. Decimation
in rCIC2 lowers the data rate, and, therefore, reduces power
is the same as an L/M ratio of 0.25. Thus, any
r
MrCIC2/
B
consumed in subsequent stages. It should also be noted that
there is more than one way to get the decimation by 4. A
decimation of 4
integer combination of L/M that yields 0.25 works (1/4, 2/8, o
4/16). However, for the best dynamic range, use the simplest
ratio. For example, 1/4 gives better performance than 4/16.
Table 14. SSB rCIC2 Alias Rejection Table (fSAMP = 1)
Bandwidth Shown in Percentage of fSAMP
L rCIC2
−50 dB
−60 dB
−70 dB
−80 dB
−90 dB
−100 d
2
1.79
1.007
0.566
0.318
0.179
0.101
3
1.508
0.858
0.486
0.274
0.155
0.087
4
1.217
0.696
0.395
0.223
0.126
0.071
5
1.006
0.577
0.328
0.186
0.105
0.059
6
0.853
0.49
0.279
0.158
0.089
0.05
7
0.739
0.425
0.242
0.137
0.077
0.044
8
0.651
0.374
0.213
0.121
0.068
0.038
9
0.581
0.334
0.19
0.108
0.061
0.034
10
0.525
0.302
0.172
0.097
0.055
0.031
11
0.478
0.275
0.157
0.089
0.05
0.028
12
0.439
0.253
0.144
0.082
0.046
0.026
13
0.406
0.234
0.133
0.075
0.043
0.024
14
0.378
0.217
0.124
0.07
0.04
0.022
15
0.353
0.203
0.116
0.066
0.037
0.021
16
0.331
0.19
0.109
0.061
0.035
0.02
DECIMATION AND INTERPOLATION REGISTERS
rCIC2 decimation values are stored in Register 0x90. This 1
register contains the decim
2-bit
ation value minus 1. The interpola-
tion portion is stored in Register 0x91. This 9-bit value holds
the interpolation value minus one.
rCIC2 SCALE REGISTER
Register 0x92 contains the scaling information for the rCIC2.
The primary function is to store the scale value computed in the
previous sections.
Bits 4–0 of this register should be written with the same values
as those written to Bits 9–5 to accommodate a redundant
internal hardware feature.
Bits 9–5 (SrCIC2) contain the 5-bit scaling factor for rCIC2.
Bits 11–10 are reserved and must be written low.
In applications that do not require the features of the rCIC2,
bypass it by setting the L/M ratio to 1/1. This effectively
bypasses all circuitry of the rCIC2 except the scaling, which is
still effectual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com