Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 69 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 69 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 65Page - Analog Devices AD6652BBC Datasheet HTML 66Page - Analog Devices AD6652BBC Datasheet HTML 67Page - Analog Devices AD6652BBC Datasheet HTML 68Page - Analog Devices AD6652BBC Datasheet HTML 69Page - Analog Devices AD6652BBC Datasheet HTML 70Page - Analog Devices AD6652BBC Datasheet HTML 71Page - Analog Devices AD6652BBC Datasheet HTML 72Page - Analog Devices AD6652BBC Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
AD6652
Rev. 0 | Page 69 of 76
irst sync high is recognized and
ed. If this register is written to 0, the
onized.
sync
DDC processing Channel 2. Therefore, if the user
intends to use AGC A’s hold-off counter, the user must either
ed to
desired delay before a new CIC
per
gger-
e every time the pin is written high.
This 8-bit register contains the desired output power level or
ng on the mode of operation.
t R level can be set from 0 dB to −23.99 dB
binary floating-point representa-
by the 6-bit man-
and the exponent is in
0101 represents 2 × 6.02 + 37 ×
0.094 = 15.518 dB.
e initial value for a signal gain used
12-bit value sets the initial signal
dB in steps of 0.024 dB. A 12-bit
inary floating-point representation is used with a 4-bit expo-
nent followed by the 8-bit mantissa. For example:
0111’10001001 represents 7 × 6.02 + 137 × 0.024 = 45.428 dB.
x16: AGC B Loop Gain
his 8-bit register is used to define the open loop gain K. Its
value can be set from 0 to 0.996 in steps of 0.0039. This value of
K is updated in the AGC loop each time the AGC is initialized.
0x17: AGC B Pole Location
This 8-bit register is used to define the open loop filter pole
location P. Its value can be set from 0 to 0.996 in steps of 0.0039.
This value of P is updated in the AGC loop each time the AGC
is initialized. This open loop pole location directly impacts the
closed loop pole locations as explained in the Automatic Gain
Control section.
amples
tio from 1 to
4096. Set an appropriate scaling factor to avoid loss of bits.
put through either a parallel port interface or a link
ace. When 0x1B, Bit 7 = 0, the use of Link Port A is
Ps or
on Parallel Port A. When
Bit 0 = 0, Parallel Port A outputs data from the RCF according
by Bits 1–4. When Bit 0 = 1, Parallel
according to the format
.
it 1 determines if Parallel Port A
Bit 2 determines if Parallel Port A
. The order of output depends on
the rate of triggers from each AGC, which in turn is determined
by the decimation rate of the channels feeding it. In channel
ine which combination of
ut. The output order
ived from each channel,
tion rate of each channel.
be used to determine
Bit 5 determines the format of the output data words. When
Bit 5 = 0, Parallel Port A outputs 16-bit words on its 16-bit bus.
This means that I and Q data are interleaved, and the IQ
indicator pin determines whether data on the port is I data or
Q data. When Bit 5 = 1, Parallel Port A is outputting an 8-bit
I word and an 8-bit Q word at the same time, and the IQ
indicator pins are high.
0x1B: Link Port Control A
Data is output through either a parallel port interface or a link
port interface. The link port provides an efficient data link
between the AD6652 and a TigerSHARC DSP and can be
enabled by setting 0x1D, Bit 7 = 1.
If this bit is set, only the f
succeeding sync events are ignored until Bit 1 is reset.
Bit 0 is used to bypass the AGC section, when it is set. When the
AGC is bypassed, the output data is the 16 MSBs of the 24-bit
input data from the half-band filter.
0x13: AGC B Hold-Off Counter
The AGC B hold-off counter is loaded with the 16-bit value
written to this address when Sync Now is written high or a
Pin_Sync signal is receiv
AGC cannot be synchr
Note: The
ssigned to
hold-off counter of AGC B shares the pin
a
attach the external sync signal to the pin sync that is assign
DDC Channel 2, or use the software-controlled sync now
function of Bit 3 at 0x12.
rogrammed with a 16-bit
The hold-off counter must be p
er that corresponds to the
numb
decimated value is updated. Writing a logic high to the pro
pin sync pin triggers the AGC hold-off counter with a retri
able one-shot puls
0x14: AGC B Desired Level
desired clipping level, dependi
This desired reques
in steps of 0.094 dB. An 8-bit
tion is used with a 2-bit exponent followed
eps of 0.094 dB
tissa. The mantissa is in st
6.02 dB steps. For example: 10’10
0x15: AGC B Signal Gain
h
This register is used to set t
This
in the gain multiplier.
ain between 0 dB and 96.296
g
b
0
T
0x18: AGC B Average S
This 6-bit register contains the scale used for the CIC filter and
the number of power samples to be averaged before being fed to
the CIC filter.
Bits 5–2 define the scale used for the CIC filter.
Bits 1–0 define the number of samples to be averaged before
they are sent to the CIC decimating filter. This number can be
set between 1 and 4 with bit representation 00 meaning one
sample and bit representation 11 meaning four samples.
0x19: AGC B Update Decimation
This 12-bit register sets the AGC decimation ra
0x1A: Parallel Port Control A
Data is out
t interf
por
disabled and the use of Parallel Port A is enabled. The parallel
port provides different data modes for interfacing with DS
FPGAs.
Bit 0 selects which data is output
to the format specified
Port A outputs the data from the AGCs
specified by Bits 1 and 2
In AGC mode, Bit 0 = 1 and B
rom AGC A.
can output data f
can output data from AGC B
mode, Bit 0 = 0 and Bits 1–4 determ
utp
the four processing channels is o
depends on the rate of triggers rece
a
which is determined by the decim
The channel output indicator pins can
which data came from which channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com